Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPLSI2032E Datasheet (PDF) - Lattice Semiconductor

ISPLSI2032E Datasheet PDF - Lattice Semiconductor
Part # ISPLSI2032E
Download  ISPLSI2032E Download
File Size   141.0 Kbytes
Page   14 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable SuperFAST High Density PLD

ISPLSI2032E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISPLSI2032E Datasheet PDF - Lattice Semiconductor

Part # ISPLSI2032E
Download  ISPLSI2032E Click to download

File Size   141.0 Kbytes
Page   14 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable SuperFAST High Density PLD

ISPLSI2032E Datasheet (HTML) - Lattice Semiconductor


ISPLSI2032E Product details

Description

The ispLSI 2032E is a High Density Programmable Logic Device. The device contains 32 Registers, 32 Universal I/O pins, two Dedicated Input Pins, three Dedicated Clock Input Pins, one dedicated Global OE input pin and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 2032E features 5V in-system programmability and in-system diagnostic capabilities. The ispLSI 2032E offers non-volatile reprogrammability of the logic, as well as the interconnect to provide truly reconfigurable systems.



Features

• SuperFAST HIGH DENSITY IN-SYSTEM PROGRAMMABLE LOGIC

   — 1000 PLD Gates

   — 32 I/O Pins, Two Dedicated Inputs

   — 32 Registers

   — High Speed Global Interconnect

   — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.

   — Small Logic Block Size for Random Logic

   — 100% Functionally and JEDEC Upward Compatible with ispLSI 2032 Devices

• HIGH PERFORMANCE E2CMOS® TECHNOLOGY

   — fmax = 225 MHz Maximum Operating Frequency

   — tpd = 3.5 ns Propagation Delay

   — TTL Compatible Inputs and Outputs

   — 5V Programmable Logic Core

   — ispJTAG™ In-System Programmable via IEEE 1149.1 (JTAG) Test Access Port

   — User-Selectable 3.3V or 5V I/O (48-Pin Package Only) Supports Mixed Voltage Systems

   — PCI Compatible Outputs (48-Pin Package Only)

   — Open-Drain Output Option

   — Electrically Erasable and Reprogrammable

   — Non-Volatile

   — Unused Product Term Shutdown Saves Power

• ispLSI OFFERS THE FOLLOWING ADDED FEATURES

   — Increased Manufacturing Yields, Reduced Time-to Market and Improved Product Quality

   — Reprogram Soldered Devices for Faster Prototyping

• OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS

   — Complete Programmable Device Can Combine Glue Logic and Structured Designs

   — Enhanced Pin Locking Capability

   — Three Dedicated Clock Input Pins

   — Synchronous and Asynchronous Clocks

   — Programmable Output Slew Rate Control to Minimize Switching Noise

   — Flexible Pin Placement

   — Optimized Global Routing Pool Provides Global Interconnectivity



 




Similar Part No. - ISPLSI2032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032 LATTICE-ISPLSI2032 Datasheet
145Kb / 15P
In-System Programmable High Density PLD
ISPLSI2032-110LJ LATTICE-ISPLSI2032-110LJ Datasheet
145Kb / 15P
In-System Programmable High Density PLD
ISPLSI2032-110LJI LATTICE-ISPLSI2032-110LJI Datasheet
145Kb / 15P
In-System Programmable High Density PLD
ISPLSI2032-110LT44 LATTICE-ISPLSI2032-110LT44 Datasheet
145Kb / 15P
In-System Programmable High Density PLD
ISPLSI2032-110LT44I LATTICE-ISPLSI2032-110LT44I Datasheet
145Kb / 15P
In-System Programmable High Density PLD
More results


Similar Description - ISPLSI2032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
3.3V In-System Programmable High Density SuperFAST??PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
2.5V In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
2.5V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
In-System Programmable SuperFAST??High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com