Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2950 Datasheet (PDF) - List of Unclassifed Manufacturers

LM2950 Datasheet PDF - List of Unclassifed Manufacturers
Part # LM2950
Download  LM2950 Download
File Size   99.22 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.1A LOW DROPOUT VOLTAGE REGULATORS

LM2950 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2950 Datasheet PDF - List of Unclassifed Manufacturers

Part # LM2950
Download  LM2950 Click to download

File Size   99.22 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.1A LOW DROPOUT VOLTAGE REGULATORS

LM2950 Datasheet (HTML) - List of Unclassifed Manufacturers


LM2950 Product details

[HTC]



PRODUCT DESCRIPTION

The LM2950 is a low power voltage regulator. This device excellent choice for use in battery powered application such as cordless telephone, radio control systems, and portable computers. The LM2950 features very low quiescent current (75㎂ Typ.) and very low drop output voltage (Typ. 40㎷ at light load and 380㎷ at 100㎃).

This includes a tight initial tolerance of 0.5% Typ., extremely good load and line regulation of 0.05% Typ., and very low output temperature coefficient, making the LM2950 useful as a low-power voltage reference. The error flag output feature is used as power-on reset for warn of a low output voltage, due to following batteries on input. Other feature is the logic-compatible shutdown input which enable the regulator to be switched on and off. The LM2950 is available in 8-pin plastic packages. The regulator output voltage may be pin-strapped for a -XX volt or programmed from 1.24 volt to 29 volts with external pair of resistors. The LM2950 is offered in 3-pin to-92 package compatible with other fixed regulator.



Features

- High accuracy output voltage

- Guaranteed 0.1A output

- Very low quiescent current

- Low dropout voltage

- Extermely tight load and line regulation

- Very low temperature coefficent

- Need only 1uF for stability

- Error flag warns of output dropout

- Logi-control electronic shutdown

- Output programmable from 1.24 to 29V



Applications

- Battery powered systems

- Cordless telephones

- Radio control systems

- Portable/Palm top/Notebook computer

- Portable consumer equipment

- Portable Instrumentation

- Avionics

- Automotive Electronics

- SMPS Post-Regulator

- Voltage Reference



 




Similar Part No. - LM2950

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2950-XX HTC-LM2950-XX Datasheet
210Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
Dec. 2015 - Rev. 1.4
LM2950TA-XX HTC-LM2950TA-XX Datasheet
210Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
Dec. 2015 - Rev. 1.4
LM2950 HTC-LM2950_V01 Datasheet
210Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
Dec. 2015 - Rev. 1.4
More results


Similar Description - LM2950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2931 HTC-LM2931 Datasheet
99Kb / 2P
0.1A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com