Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCD4B14 Datasheet (PDF) - ATMEL Corporation

FCD4B14 Datasheet PDF - ATMEL Corporation
Part # FCD4B14
Download  FCD4B14 Download
File Size   265.98 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output

FCD4B14 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCD4B14 Datasheet PDF - ATMEL Corporation

Part # FCD4B14
Download  FCD4B14 Click to download

File Size   265.98 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output

FCD4B14 Datasheet (HTML) - ATMEL Corporation




Similar Part No. - FCD4B14

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
Continuous Wave 488 nm Solid-State Laser
FCD488-020 JDSU-FCD488-020 Datasheet
240Kb / 4P
Continuous Wave 488 nm Solid-State Laser
FCD488-025 JDSU-FCD488-025 Datasheet
240Kb / 4P
Continuous Wave 488 nm Solid-State Laser
FCD488FC-010 JDSU-FCD488FC-010 Datasheet
240Kb / 4P
Continuous Wave 488 nm Solid-State Laser
FCD488FC-020 JDSU-FCD488FC-020 Datasheet
240Kb / 4P
Continuous Wave 488 nm Solid-State Laser
More results


Similar Description - FCD4B14

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
Fingerprint Sensor
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
Thermal Fingerprint Sensor with Sensing Area and Digital Output
AT77C102B ATMEL-AT77C102B Datasheet
299Kb / 19P
Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
logo
Omron Electronics LLC
M7E OMRON-M7E Datasheet
1Mb / 14P
Digital Display (14 mm)
logo
ATMEL Corporation
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
logo
Hamamatsu Corporation
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
Wide effective area: 23 mm x 23 mm
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
Digital Thermal Orientation Sensing Accelerometer
Version A
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com