Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWCS1700 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

DWCS1700 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # DWCS1700
Download  DWCS1700 Download
File Size   975.62 Kbytes
Page   8 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description AC / DC Sensing Current Sensor with Digital Data output

DWCS1700 Datasheet (PDF)

Go To PDF Page Download Datasheet
DWCS1700 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # DWCS1700
Download  DWCS1700 Click to download

File Size   975.62 Kbytes
Page   8 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description AC / DC Sensing Current Sensor with Digital Data output

DWCS1700 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


DWCS1700 Product details

Feature
 Small package with digital current output
 O perating voltage DC5.0V
 Temperature compensation
 Diameter 9.0mm conductor through hole
 S ensing current range:
AC: 0~35
A (50Hz, 60Hz)
DC: 0~
50 A
 High accuracy
AC: (0~16
A) 0.32 A
(16~35
A) 2
DC:
±±(0~16 A) 0.32 A
±±(16~50 A) 2
 R esolution: 148 mA
 UART d igital data output Baud Rare : 9600 bps
 Isolation v oltage 4KV




Similar Part No. - DWCS1700

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results


Similar Description - DWCS1700

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Winson Semiconductor Co...
WCM3720A WINSON-WCM3720A Datasheet
473Kb / 4P
AC Sensing Current Module with Digital Data output
logo
ASM GmbH
6862 ASM-SENSOR-6862 Datasheet
956Kb / 2P
AC/DC CURRENT SENSOR
logo
DIWELL Electronics Co.,...
WCM1700 DIWELL-WCM1700 Datasheet
942Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM1800 DIWELL-WCM1800 Datasheet
942Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2702 DIWELL-WCM2702 Datasheet
890Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2705 DIWELL-WCM2705 Datasheet
909Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2720 DIWELL-WCM2720 Datasheet
911Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2801 DIWELL-WCM2801 Datasheet
882Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com