Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCM2705 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WCM2705 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WCM2705
Download  WCM2705 Download
File Size   909.53 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description AC / DC Sensing Current Module with Digital Data output

WCM2705 Datasheet (PDF)

Go To PDF Page Download Datasheet
WCM2705 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WCM2705
Download  WCM2705 Click to download

File Size   909.53 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description AC / DC Sensing Current Module with Digital Data output

WCM2705 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WCM2705 Product details

Feature
 O perating voltage DC5.0V
 8.3 mΩ internal conductor resistance
 S ensing current range :
AC :
0~ 5 A 50Hz, 60Hz)
DC :
0~ 7 A
 High accuracy :
AC :
(0~ 10mA
(1~5A)
1%
DC :
±±(0~ 10mA
±
±(1~7A) 1%
 High resolution :
AC / DC :
4.6mA
 UART d igital data output Baud Rare : 9600 bps
 Temperature calibration
 Isolation Voltage 1 KV




Similar Part No. - WCM2705

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCM2702 DIWELL-WCM2702 Datasheet
890Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
More results


Similar Description - WCM2705

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCM3720A WINSON-WCM3720A Datasheet
473Kb / 4P
AC Sensing Current Module with Digital Data output
logo
XFMRS Inc.
XF0803-CS1 XFMRS-XF0803-CS1 Datasheet
38Kb / 1P
OUTPUT CURRENT SENSING TRANSFORMER
XF0053-CS XFMRS-XF0053-CS Datasheet
36Kb / 1P
OUTPUT CURRENT SENSING TRANSFOMER
logo
DIWELL Electronics Co.,...
WCM1700 DIWELL-WCM1700 Datasheet
942Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM1800 DIWELL-WCM1800 Datasheet
942Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2702 DIWELL-WCM2702 Datasheet
890Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2720 DIWELL-WCM2720 Datasheet
911Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2801 DIWELL-WCM2801 Datasheet
882Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com