Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCM1800 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WCM1800 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WCM1800
Download  WCM1800 Download
File Size   942.36 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description AC / DC Sensing Current Module with Digital Data output

WCM1800 Datasheet (PDF)

Go To PDF Page Download Datasheet
WCM1800 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WCM1800
Download  WCM1800 Click to download

File Size   942.36 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description AC / DC Sensing Current Module with Digital Data output

WCM1800 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WCM1800 Product details

Feature
 O perating voltage DC5.0V
 Diameter 9.0mm conductor through hole
 S ensing current range :
AC : 0~17
A (50Hz, 60Hz)
DC
: 25 A
 High accuracy
AC : (0~5
A) 0.05 A
(5~17
A) 1%
 DC : ±±(0~5 A) 0.10 A
±±(5~25 A) 2
 High resolution :
AC / DC : 18
mA
 UART d igital data output Baud Rare : 9600 bps
 Temperature calibration
 L ow power consumption mode
 Isolation Voltage 4KV




Similar Part No. - WCM1800

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WCM1211F TAI-TECH-WCM1211F Datasheet
295Kb / 2P
Wire Wound Type Common Mode Filter
WCM1211F-102T60-M TAI-TECH-WCM1211F-102T60-M Datasheet
295Kb / 2P
Wire Wound Type Common Mode Filter
WCM1211F-222T02-M TAI-TECH-WCM1211F-222T02-M Datasheet
295Kb / 2P
Wire Wound Type Common Mode Filter
WCM1211F-272T02-M TAI-TECH-WCM1211F-272T02-M Datasheet
295Kb / 2P
Wire Wound Type Common Mode Filter
WCM1211F-701T80-M TAI-TECH-WCM1211F-701T80-M Datasheet
295Kb / 2P
Wire Wound Type Common Mode Filter
More results


Similar Description - WCM1800

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCM3720A WINSON-WCM3720A Datasheet
473Kb / 4P
AC Sensing Current Module with Digital Data output
logo
XFMRS Inc.
XF0803-CS1 XFMRS-XF0803-CS1 Datasheet
38Kb / 1P
OUTPUT CURRENT SENSING TRANSFORMER
XF0053-CS XFMRS-XF0053-CS Datasheet
36Kb / 1P
OUTPUT CURRENT SENSING TRANSFOMER
logo
DIWELL Electronics Co.,...
WCM1700 DIWELL-WCM1700 Datasheet
942Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2702 DIWELL-WCM2702 Datasheet
890Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2705 DIWELL-WCM2705 Datasheet
909Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2720 DIWELL-WCM2720 Datasheet
911Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2801 DIWELL-WCM2801 Datasheet
882Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com