Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWCS1700 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # DWCS1700
Description  AC / DC Sensing Current Sensor with Digital Data output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DWCS1700 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  DWCS1700 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DWCS1700
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2021/5/31
Page 2
+IP Current Path
① Vdd
② GND
③ TX
④ RX/RST
Absolute Maximum Range
Supply Voltage, Vdd ------------------------------- 6V
Pass Through Wire Diameter -------------- 9.0mm
Basic Isolation Voltage ----------------------- 4000V
Operating Temperature Range, Ta ------------------
----------------------------------------- -40ºC to +105ºC
Storage Temperature Range, Ts ---------------------
----------------------------------------- -60ºC to +125ºC
Note: Stresses above those listed may cause
permanent damage to the devices
Differential
Amplifier
Gain
Control
Driver
Circuit
Temperature
Compensation
Voltage
Regulator
Digital
Signal
Process
TX
Functional Block Diagram
RX/RST
GND
Vdd
Selection Guide:
Model
Maximum Current
Operating
Voltage
Frequency
Mode
AC
DC
DWCS1700-AC50C
35A
-
5.0V
50Hz/60Hz
Continuous
DWCS1700-DC50C
-
50A
5.0V
DC
Continuous
DWCS1700-50C
35A
50A
5.0V
50Hz/60Hz,DC
Professional
(AT+Command)
Note:
Continuous Mode: UART Interface, continuous transmission, external reset method (RST pull low to GND).
Professional Mode: UART interface, command transmission, internal reset method (RX received command).
Pad Description:
Pad No
Pad Name
I/O
Description
1
VDD
-
The positive power input pin
2
GND
-
The system ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com