Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWCS1700 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # DWCS1700
Description  AC / DC Sensing Current Sensor with Digital Data output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DWCS1700 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  DWCS1700 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DWCS1700
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2021/5/31
Page 3
3
TX
O
The current data output, UART interface, baud rate
9600 bits/sec
4
RX/RST
I
RST(Continuous): External Reset,
RX(Professional): Internal UART Reset
Electrical Characteristics:
Common Operating Characteristics
Symbol
Parameter
Test
Condition
Min.
Typ.
Max.
Unit
VDD
Operation Voltage
-
4.9
5
5.1
V
IDD
Operation Current
VDD = 5.000V
-
6
12
mA
-
Conductor Through Hole
-
-
9
-
mm²
TOP
Operating Temperature
-
-20
-
70
˚C
ACC
Internal Temperature Accuracy
VDD = 5.000V
-
-
5
˚C
-AC50C
VDD = 5.000V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IOP
Current Range
-
0
-
35
A
ETOT
Current Output
Error
IOP= 0~16A,
Top = 25°C
-
±0.32
-
A
IOP= 16~35A,
Top = 25°C
-
±2
-
%
IOP= 0~35A,
-20°C< Top<70°C
-
±5
-
%
-DC50C
VDD = 5.000V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IOP
Current Range
-
0
-
50
A
ETOT
Current Output
Error
IOP=0~16A,
Top = 25°C
-
±0.32
-
A
IOP=16~50A,
Top = 25°C
-
±2
-
%
IOP=0~50A,
-20°C< Top<70°C
-
±5
-
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com