Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWCS1700 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # DWCS1700
Description  AC / DC Sensing Current Sensor with Digital Data output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DWCS1700 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  DWCS1700 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DWCS1700
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2021/5/31
Page 1
AC / DC Sensing Current Sensor with Digital Data output
Feature:
Small package with digital current output
Operating voltage DC5.0V
Temperature compensation
Diameter 9.0mm conductor through hole
Sensing current range:
AC: 0~35A (50Hz, 60Hz)
DC: 0~±50A
High accuracy:
AC: (0~16A) ± 0.32A
(16~35A) ± 2%
DC: ±(0~16A) ± 0.32A
±(16~50A) ± 2%
Resolution: 148mA
UART digital data output,Baud Rare : 9600 bps
Isolation voltage 4KV
General Description:
DWCS1700 is a AC/DC current sensor with calibrated digital signal output.
It applies exclusive digital signal collecting technique and allows for easy
implementation without breaking original system. Typical applications include
load detection and management, over-current fault detection and any
intelligent power management system etc…
The DWCS1700 consists of a precise, low-temperature drift linear hall
sensor IC with temperature compensation circuit, temperature sensor, digital
signal processor and through-hole mechanism with a diameter of 9.0mm etc.
All the sensors on DWCS1700 are temperature compensated and
calibrated with accurate calibration instrument. The UART interface directly
transmits digital current signals, making system integration simple and fast.
Small size, low consumption and the terminals of the conductive path are
electrically isolated from the sensor leads enable DWCS1700 to be suited in all
kinds of harsh application occasions.


Similar Part No. - DWCS1700

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results

Similar Description - DWCS1700

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Winson Semiconductor Co...
WCM3720A WINSON-WCM3720A Datasheet
473Kb / 4P
AC Sensing Current Module with Digital Data output
logo
ASM GmbH
6862 ASM-SENSOR-6862 Datasheet
956Kb / 2P
AC/DC CURRENT SENSOR
logo
DIWELL Electronics Co.,...
WCM1700 DIWELL-WCM1700 Datasheet
942Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM1800 DIWELL-WCM1800 Datasheet
942Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2702 DIWELL-WCM2702 Datasheet
890Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2705 DIWELL-WCM2705 Datasheet
909Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2720 DIWELL-WCM2720 Datasheet
911Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
WCM2801 DIWELL-WCM2801 Datasheet
882Kb / 6P
AC / DC Sensing Current Module with Digital Data output
2020/11/17
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com