Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWCS1700 Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # DWCS1700
Description  AC / DC Sensing Current Sensor with Digital Data output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DWCS1700 Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  DWCS1700 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DWCS1700
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2021/5/31
Page 4
0.00
0.16
0.32
0.48
0.64
0.80
0
2
4
6
8
10
12
14
16
Current(A)
AC Current Error VS. Frequency
60Hz
50Hz
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
16 18 20 22 24 26 28 30 32 34
Current(A)
AC Current Error VS. Frequency
60Hz
50Hz
0.00
0.16
0.32
0.48
0.64
0.80
0
2
4
6
8
10
12
14
16
Current(A)
DC+ Current Error VS. Supply Voltage
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50
Current(A)
DC+ Current Error VS. Supply Voltage
0.00
0.16
0.32
0.48
0.64
0.80
0
2
4
6
8
10
12
14
16
Current(A)
DC- Current Error VS. Supply Voltage
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50
Current(A)
DC- Current Error VS. Supply Voltage
0.00
0.16
0.32
0.48
0.64
0.80
-20 -10
0
10
20
30
40
50
60
70
Temperature(°C)
Current Error VS. Temperature
2A
10A
0.0%
1.0%
2.0%
3.0%
4.0%
5.0%
-20 -10
0
10
20
30
40
50
60
70
Temperature(°C)
Current Error VS. Temperature
20A
35A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com