Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWCS1700 Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # DWCS1700
Description  AC / DC Sensing Current Sensor with Digital Data output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DWCS1700 Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  DWCS1700 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. DWCS1700 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DWCS1700
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2021/5/31
Page 5
Application Note:
(1) Operating Mode:
(1.1) Continuous mode: Continuously transmit current data. Reset need to
pull low the RST pin to GND.
(1.2) Professional mode: Measure current data and reset according to the
command, RX received command and please refer to the commands< Table
1>.
(2) Measurement Method:
(2.1) AC measurement: After power-on, the sensor will automatically reset
the current value when no current passes through the sensor and the
current value can be also manually reset to zero. Data update rate is 2
Data /sec.
(2.2) DC measurement: After power-on, the current value must be manually
reset to zero when no current passes through the sensor. Data update rate
is 10 Data /sec.
(2.3) When measuring DC current, the sensor will generate an amount of
remanence. If this remanence cause reading error, please re-reset it.
(2.4) The proper use of reset function will make the measurement more
accurate.
(3) Measured Current Data Output:
The measured current can be transmitted by UART format.
(3.1)
If the measured data is AC “1.23”A, then the output data is ‘~’, ‘1’, ‘.’,
‘2’, ‘3’, ‘0’, ‘\r’, ‘\n’, total of 8 bytes; the output data is ASCII code. If the
measured data is “10.45” A, then the output data is ‘~’, ‘1’, ‘0’, ‘.’, ‘4, ‘5, ‘\r’,
‘\n’, total of 8 bytes.
(3.2)
If the measured data is +DC “1.23”A, then the output data is ‘+’, ‘1’, ‘.’,
‘2’, ‘3’, ‘0’, ‘\r’, ‘\n’, total of 8 bytes; the output data is ASCII code.
(3.3) If the measured data is -
DC “1.23”A, then the output data is ‘-’, ‘1’, ‘.’,
‘2’, ‘3’, ‘0’, ‘\r’, ‘\n’, total of 8 bytes; the output data is ASCII code.
y = -0.1333x + 1.6664
R²= 0.9999
0.985
0.990
0.995
1.000
1.005
1.010
1.015
4.9
4.95
5
5.05
5.1
VDD(V)
DWCS1700 Relative Current Change Standardization of Supply Voltage 5V VS. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com