Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR200 Datasheet (PDF) - SUNMATE electronic Co., LTD

DR200 Datasheet PDF - SUNMATE electronic Co., LTD
Part # DR200
Download  DR200 Download
File Size   302.56 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED SILICON RECTIFIER DIODES

DR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR200 Datasheet PDF - SUNMATE electronic Co., LTD

Part # DR200
Download  DR200 Click to download

File Size   302.56 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED SILICON RECTIFIER DIODES

DR200 Datasheet (HTML) - SUNMATE electronic Co., LTD


DR200 Product details

VOLTAGE RANGE: 50V - 1000V CURRENT: 2.0 A

Features
● High current capability
● High surge current capability
● High reliability
● Low reverse current
● Low forward voltage drop




Similar Part No. - DR200

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
DR200 EIC-DR200 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
DR200 SYNSEMI-DR200 Datasheet
31Kb / 2P
SILICON RECTIFIER DIODES
logo
Proto Advantage SMD Ada...
DR200D254 PROTOADVANTAGE-DR200D254 Datasheet
105Kb / 2P
Dual Row 2.00 mm pitch to DIP Adapters
revision 1.1
DR200DR254P04 PROTOADVANTAGE-DR200DR254P04 Datasheet
110Kb / 3P
Dual Row 1.00 mm pitch to Dual Row 2.54mm pitch Adapter - 4 Pin
revision 1.0
DR200DR254P04 PROTOADVANTAGE-DR200DR254P04 Datasheet
111Kb / 3P
Dual Row 1.00 mm pitch to Dual Row 2.54mm pitch Adapter - 6 Pin
revision 1.0
More results


Similar Description - DR200

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
8A05 SUNMATE-8A05 Datasheet
363Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
10EDB60 SUNMATE-10EDB60 Datasheet
293Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
10JDA10 SUNMATE-10JDA10 Datasheet
305Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
EM1Y SUNMATE-EM1Y Datasheet
301Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
EM513 SUNMATE-EM513 Datasheet
303Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GP25A SUNMATE-GP25A Datasheet
1Mb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GPP10A SUNMATE-GPP10A Datasheet
308Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GPP15A SUNMATE-GPP15A Datasheet
283Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
GPP20A SUNMATE-GPP20A Datasheet
1,004Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
P300A SUNMATE-P300A Datasheet
278Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com