Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21448N Datasheet (PDF) - Dallas Semiconductor

DS21448N Datasheet PDF - Dallas Semiconductor
Part # DS21448N
Download  DS21448N Download
File Size   1191.36 Kbytes
Page   60 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V E1/T1/J1 Quad Line Interface

DS21448N Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21448N Datasheet PDF - Dallas Semiconductor

Part # DS21448N
Download  DS21448N Click to download

File Size   1191.36 Kbytes
Page   60 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V E1/T1/J1 Quad Line Interface

DS21448N Datasheet (HTML) - Dallas Semiconductor


DS21448N Product details

GENERAL DESCRIPTION
The DS21448 is a quad-port E1 or T1 line interface unit (LIU) for short-haul and long-haul applications. It incorporates four independent transmitters and four independent receivers in a single 144-pin PBGA or 128-pin LQFP package.
The transmit drivers generate the necessary G.703 E1 waveshapes in 75Ω or 120Ω applications and the DSX-1 or CSU line build-outs of 0dB, -7.5dB, -15dB, and -22.5dB for T1 applications.

FEATURES
■ Four Complete E1, T1, or J1 LIUs
■ Supports Long- and Short-Haul Trunks
■ Internal Software-Selectable Receive-Side Termination for 75Ω/100Ω/120Ω
■ 3.3V Power Supply
■ 32-Bit or 128-Bit Crystal-Less Jitter Attenuator Requires Only a 2.048MHz Master Clock for E1 and T1, with the Option to Use 1.544MHz for T1
■ Generates the Appropriate Line Build-Outs With and Without Return Loss for E1, and DSX-1 and CSU Line Build-Outs for T1
■ AMI, HDB3, and B8ZS Encoding/Decoding
■ 16.384MHz, 8.192MHz, 4.096MHz, or 2.048MHz Clock Output Synthesized to Recovered Clock
■ Programmable Monitor Mode for Receiver
■ Loopbacks and PRBS Pattern Generation/ Detection with Output for Received Errors
■ Generates/Detects In-Band Loop Codes, 1 to 16 Bits, Including CSU Loop Codes
■ 8-Bit Parallel or Serial Interface with Optional Hardware Mode
■ Muxed and Nonmuxed Parallel Bus Supports Intel or Motorola
■ Detects/Generates Blue (AIS) Alarms
■ NRZ/Bipolar Interface for Tx/Rx Data I/O
■ Transmit Open-Circuit Detection
■ Receive Carrier Loss (RCL) Indication (G.775)
■ High-Z State for TTIP and TRING
■ 50mARMS Transmit Current Limiter
■ JTAG Boundary Scan Test Port per IEEE 1149.1
■ Meets Latest E1 and T1 Specifications Including ANSI.403-1999, ANSI T1.408, AT&T TR 62411, ITU G.703, G.704, G.706, G.736, G.775, G.823, I.431, O.151, O.161, ETSI ETS 300 166, JTG.703, JTI.431, TBR12, TBR13, and CTR4

APPLICATIONS
    Integrated Multiservice Access Platforms
    T1/E1 Cross-Connects, Multiplexers, and Channel Banks
    Central-Office Switches and PBX Interfaces
    T1/E1 LAN/WAN Routers
    Wireless Base Stations




Similar Part No. - DS21448N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21448N MAXIM-DS21448N Datasheet
837Kb / 60P
3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS21448N+ MAXIM-DS21448N+ Datasheet
837Kb / 60P
3.3V E1/T1/J1 Quad Line Interface
REV: 011206
More results


Similar Description - DS21448N

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
3.3V E1/T1/J1 Line Interface
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
5V E1/T1/J1 Line Interface
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
logo
Dallas Semiconductor
DS21448DK DALLAS-DS21448DK Datasheet
716Kb / 17P
3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
logo
Maxim Integrated Produc...
DS21Q348DK MAXIM-DS21Q348DK Datasheet
809Kb / 17P
3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
REV: 060303
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
3.3V E1/T1/J1 Line Interface
REV: 011206
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com