Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148 Datasheet (PDF) - Dallas Semiconductor

DS2148 Datasheet PDF - Dallas Semiconductor
Part # DS2148
Download  DS2148 Download
File Size   544.74 Kbytes
Page   75 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 5V E1/T1/J1 Line Interface

DS2148 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2148 Datasheet PDF - Dallas Semiconductor

Part # DS2148
Download  DS2148 Click to download

File Size   544.74 Kbytes
Page   75 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 5V E1/T1/J1 Line Interface

DS2148 Datasheet (HTML) - Dallas Semiconductor


DS2148 Product details

DESCRIPTION
The DS2148 is a complete selectable E1 or T1 Line Interface Unit (LIU) for short- and long-haul applications. Throughout the data sheet, J1 is represented wherever T1 exists. Receive sensitivity adjusts automatically to the incoming signal and can be programmed for 0dB to 12dB or 0dB to 43dB for E1 applications and 0dB to 30dB or 0dB to 36dB for T1 applications. The device can generate the necessary G.703 E1 waveshapes in 75Ω or 120Ω applications and DSX-1 line build outs or CSU line build outs of 0dB, -7.5dB, -15dB, and -22.5dB for T1 applications.

FEATURES
■ Complete E1, T1, or J1 line interface unit (LIU)
■ Supports both long- and short-haul trunks
■ Internal software-selectable receive-side termination for 75Ω/100Ω/120Ω
■ 5V power supply
■ 32-bit or 128-bit crystal-less jitter attenuator requires only a 2.048MHz master clock for both E1 and T1 with option to use 1.544MHz for T1
■ Generates the appropriate line build outs, with and without return loss, for E1 and DSX-1 and CSU line build outs for T1
■ AMI, HDB3, and B8ZS, encoding/decoding
■ 16.384MHz, 8.192MHz, 4.096MHz, or 2.048MHz clock output synthesized to recovered clock
■ Programmable monitor mode for receiver
■ Loopbacks and PRBS pattern generation/ detection with output for received errors
■ Generates/detects in-band loop codes, 1 to 16 bits including CSU loop codes
■ 8-bit parallel or serial interface with optional hardware mode
■ Multiplexed and nonmultiplexed parallel bus supports Intel or Motorola
■ Detects/generates blue (AIS) alarms
■ NRZ/bipolar interface for TX/RX data I/O
■ Transmit open-circuit detection
■ Receive Carrier Loss (RCL) indication (G.775)
■ High-Z State for TTIP and TRING
■ 50mA (rms) current limiter




Similar Part No. - DS2148

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DS2148 PULSE-DS2148 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148G MAXIM-DS2148G Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148G+ MAXIM-DS2148G+ Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148GN MAXIM-DS2148GN Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
More results


Similar Description - DS2148

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
3.3V E1/T1/J1 Line Interface
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
3.3V E1/T1/J1 Quad Line Interface
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2149 MAXIM-DS2149 Datasheet
578Kb / 32P
5V T1/J1 Line Interface Unit
REV: 113004
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
3.3V E1/T1/J1 Line Interface
REV: 011206
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com