Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2148 Datasheet HTML 5Page - Dallas Semiconductor DS2148 Datasheet HTML 6Page - Dallas Semiconductor DS2148 Datasheet HTML 7Page - Dallas Semiconductor DS2148 Datasheet HTML 8Page - Dallas Semiconductor DS2148 Datasheet HTML 9Page - Dallas Semiconductor DS2148 Datasheet HTML 10Page - Dallas Semiconductor DS2148 Datasheet HTML 11Page - Dallas Semiconductor DS2148 Datasheet HTML 12Page - Dallas Semiconductor DS2148 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
DS2148/Q48
9 of 75
TRANSMIT LOGIC Figure 3-3
4. PIN DESCRIPTION
The DS2148 can be controlled in a parallel port mode, a serial port mode, or a hardware mode (Table 4-1,
4-2, and 4-3). The parallel and serial port modes are described in Section 3, and the hardware mode is
described below.
BUS INTERFACE SELECTION Table 4-1
BIS1
BIS0
PBTS
BUS INTERFACE TYPE
0
0
0
Muxed Intel
0
0
1
Muxed Motorola
0
1
0
Nonmuxed Intel
0
1
1
Nonmuxed Motorola
1
0
-
Serial Port
1
1
-
Hardware
BPV
Insert
mux
B8ZS/
HDB3
Coder
Logic
Error
Insert
mux
OR
Gate
OR
Gate
CCR3.1
CCR1.6
CCR2.2
CCR3.0
CCR3.4
CCR3.3
TPOS
TNEG
To
Remote
Loopback
PRBS Generator
Loop Code Generator
Clock
Invert
Loss Of Transmit
Clock Detect
TCLK
CCR2.1
RCLK
JACLK
(derived
from
MCLK)
CCR1.0
CCR1.1
CCR1.2
1
0
mux
mux
OR
Gate
To LOTC Output Pin
0
1
0
1
AND
Gate
Routed to
All Blocks
tx bd
SR.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com