Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148 Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS2148 Datasheet HTML 34Page - Dallas Semiconductor DS2148 Datasheet HTML 35Page - Dallas Semiconductor DS2148 Datasheet HTML 36Page - Dallas Semiconductor DS2148 Datasheet HTML 37Page - Dallas Semiconductor DS2148 Datasheet HTML 38Page - Dallas Semiconductor DS2148 Datasheet HTML 39Page - Dallas Semiconductor DS2148 Datasheet HTML 40Page - Dallas Semiconductor DS2148 Datasheet HTML 41Page - Dallas Semiconductor DS2148 Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
DS2148/Q48
38 of 75
RIR1 (08H): RECEIVE INFORMATION REGISTER 1
(MSB)
(LSB)
ZD
16ZD
HBD
RCLC
RUA1C
JALT
N/A
N/A
SYMBOL
POSITION
DESCRIPTION
ZD
(latched)
RIR1.7
Zero Detect. Set when a string of at least four (ETS = 0) or
eight (ETS = 1) consecutive zeros (regardless of the length of
the string) have been received. Will be cleared when read.
16ZD
(latched)
RIR1.6
Sixteen Zero Detect. Set when at least 16 consecutive zeros
(regardless of the length of the string) have been received. Will
be cleared when read.
HBD
(latched)
RIR1.5
HDB3/B8ZS Word Detect. Set when an HDB3 (ETS = 0) or
B8ZS (ETS = 1) code word is detected independent of whether
the receive HDB3/B8ZS mode (CCR4.6) is enabled. Will be
cleared when read. Useful for automatically setting the line
coding.
RCLC
(latched)
RIR1.4
Receive Carrier Loss Clear. Set when the RCL alarm has met
the clear criteria defined in Table 7-1. Will be cleared when
read.
RUA1C
(latched)
RIR1.3
Receive Unframed All Ones Clear. Set when the unframed all
ones signal is no longer detected. Will be cleared when read.
See Table 7-1.
JALT
(latched)
RIR1.2
Jitter Attenuator Limit Trip. Set when the jitter attenuator
FIFO reaches to within 4 bits of its useful limit. Will be cleared
when read. Useful for debugging jitter attenuation operation.
N/A
RIR1.1
Not Assigned. Could be any value when read.
N/A
RIR1.0
Not Assigned. Could be any value when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com