Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2148 Datasheet HTML 1Page - Dallas Semiconductor DS2148 Datasheet HTML 2Page - Dallas Semiconductor DS2148 Datasheet HTML 3Page - Dallas Semiconductor DS2148 Datasheet HTML 4Page - Dallas Semiconductor DS2148 Datasheet HTML 5Page - Dallas Semiconductor DS2148 Datasheet HTML 6Page - Dallas Semiconductor DS2148 Datasheet HTML 7Page - Dallas Semiconductor DS2148 Datasheet HTML 8Page - Dallas Semiconductor DS2148 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
1 of 75
REV: 082504
FEATURES
§ Complete E1, T1, or J1 line interface unit
(LIU)
§ Supports both long- and short-haul trunks
§ Internal software-selectable receive-side
termination for 75Ω/100Ω/120
W
§ 5V power supply
§ 32-bit or 128-bit crystal-less jitter attenuator
requires only a 2.048MHz master clock for
both E1 and T1 with option to use 1.544MHz
for T1
§ Generates the appropriate line build outs,
with and without return loss, for E1 and
DSX-1 and CSU line build outs for T1
§ AMI, HDB3, and B8ZS, encoding/decoding
§ 16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz clock output synthesized to
recovered clock
§ Programmable monitor mode for receiver
§ Loopbacks and PRBS pattern generation/
detection with output for received errors
§ Generates/detects in-band loop codes, 1 to 16
bits including CSU loop codes
§ 8-bit parallel or serial interface with optional
hardware mode
§ Multiplexed and nonmultiplexed parallel bus
supports Intel or Motorola
§ Detects/generates blue (AIS) alarms
§ NRZ/bipolar interface for TX/RX data I/O
§ Transmit open-circuit detection
§ Receive Carrier Loss (RCL) indication
(G.775)
§ High-Z State for TTIP and TRING
§ 50mA (rms) current limiter
PIN DESCRIPTION
ORDERING INFORMATION
Single-Channel Devices:
DS2148TN
44-Pin TQFP
(-40
°C to +85°C)
DS2148T
44-Pin TQFP
(0o C to +70o C)
DS2148GN
7mm CABGA (-40
°C to +85°C)
DS2148G
7mm CABGA (0o C to +70o C)
Four-Channel Devices:
DS21Q48N
(Quad) BGA
(-40
°C to +85°C)
DS21Q48
(Quad) BGA
(0o C to +70oC)
44 TQFP
7mm
CABGA
1
44
DS2148/DS21Q48
5V E1/T1/J1 Line Interface
www.maxim-ic.com


Similar Part No. - DS2148

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DS2148 PULSE-DS2148 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148G MAXIM-DS2148G Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148G+ MAXIM-DS2148G+ Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148GN MAXIM-DS2148GN Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
More results

Similar Description - DS2148

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
3.3V E1/T1/J1 Line Interface
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
3.3V E1/T1/J1 Quad Line Interface
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2149 MAXIM-DS2149 Datasheet
578Kb / 32P
5V T1/J1 Line Interface Unit
REV: 113004
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
3.3V E1/T1/J1 Line Interface
REV: 011206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com