Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS2148 Datasheet HTML 41Page - Dallas Semiconductor DS2148 Datasheet HTML 42Page - Dallas Semiconductor DS2148 Datasheet HTML 43Page - Dallas Semiconductor DS2148 Datasheet HTML 44Page - Dallas Semiconductor DS2148 Datasheet HTML 45Page - Dallas Semiconductor DS2148 Datasheet HTML 46Page - Dallas Semiconductor DS2148 Datasheet HTML 47Page - Dallas Semiconductor DS2148 Datasheet HTML 48Page - Dallas Semiconductor DS2148 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
DS2148/Q48
45 of 75
8.2.3 Analog Loopback (ALB)
Setting ALB (CCR6.4) to a one puts the DS2148 in Analog Loop Back. Signals at TTIP and TRING will
be internally connected to RTIP and RRING. The incoming signals at RTIP and RRING will be ignored.
The signals at TTIP and TRING will be transmitted as normal. (See Figure 3-1.)
8.2.4 Dual Loopback (DLB)
Setting both CCR6.7 and CCR6.6 to a one, LLB and RLB respectively, puts the DS2148 into dual
loopback operation. The TCLK and TPOS/TNEG signals will be looped back through the jitter
attenuator (if enabled) and output at RCLK and RPOS/RNEG. Clock and data recovered from RTIP and
RRING will be looped back to the transmit-side and output at TTIP and TRING. This mode of operation
is not available when implementing hardware operation. (See Figure 3-1.)
8.3
PRBS Generation and Detection
Setting TPRBSE (CCR3.4) = 1 enables the DS2148 to transmit a 215-1 (E1) or a 220-1 (T1) Pseudo
Random Bit Sequence (PRBS) depending on the ETS bit setting in CCR1.7. The receive-side of the
DS2148 will always search for these PRBS patterns independent of CCR3.4. The PRBS Bit Error Output
(PBEO) will remain high until the receiver has synchronized to one of the two patterns (64 bits received
without an error) at which time PBEO will go low and the PRBSD bit in the status register (SR) will be
set. Once synchronized, any bit errors received will cause a positive going pulse at PBEO, synchronous
with RCLK. This output can be used with external circuitry to keep track of bit error rates during the
PRBS testing. Setting CCR6.0 (ECRS) = 1 will allow the PRBS errors to be accumulated in the 16-bit
counter in registers ECR1 and ECR2. The PRBS synchronizer will remain in sync until it experiences 6
bit errors or more within a 64 bit span. Both PRBS patterns comply with the ITU-T O.151 specifications.
8.4
Error Counter
Error Count Register 1 (ECR1) is the most significant word and ECR2 is the least significant word of a
user-selectable 16-bit counter that records incoming errors including BiPolar Violations (BPV), Code
Violations (CV), Excessive Zero violations (EXZ) and/or PRBS Errors. See Table 8-3 and Table 8-4 and
Figure 3-2 for details.
DEFINITION OF RECEIVED ERRORS Table 8-3
ERROR
E1 OR T1
DEFINITION OF RECEIVED ERRORS
BPV
E1/T1
Two consecutive marks with the same polarity. Will ignore BPVs due to
HDB3 and B8ZS zero suppression when CCR2.3 = 0. Typically used with
AMI coding (CCR2.3 = 1). ITU-T O.161.
CV
E1
When HDB3 is enabled (CCR2.3 = 0) and the receiver detects two
consecutive BPVs with the same polarity. ITU-T O.161.
EXZ
E1
When four or more consecutive zeros are detected.
EXZ
T1
When receiving AMI coded signals (CCR2.3 = 1), detection of 16 or more
zeros or a BPV. ANSI T1.403 1999.
When receiving B8ZS coded signals (CCR2.3 = 0), detection of 8 or more
zeros or a BPV. ANSI T1.403 1999.
PRBS
E1/T1
A bit error in a received PRBS pattern. See Section 8.3 for details.
ITU-T O.151.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com