Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148 Datasheet(PDF) 70 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 70 Page - Dallas Semiconductor

Back Button DS2148 Datasheet HTML 66Page - Dallas Semiconductor DS2148 Datasheet HTML 67Page - Dallas Semiconductor DS2148 Datasheet HTML 68Page - Dallas Semiconductor DS2148 Datasheet HTML 69Page - Dallas Semiconductor DS2148 Datasheet HTML 70Page - Dallas Semiconductor DS2148 Datasheet HTML 71Page - Dallas Semiconductor DS2148 Datasheet HTML 72Page - Dallas Semiconductor DS2148 Datasheet HTML 73Page - Dallas Semiconductor DS2148 Datasheet HTML 74Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
DS2148/Q48
70 of 75
AC CHARACTERISTICS—RECEIVE SIDE
(-40
°C to +85°C; VDD = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RCLK Period
tCP
488
648
ns
ns
1
2
RCLK Pulse Width
tCH
tCL
200
200
ns
ns
3
3
RCLK Pulse Width
tCH
tCL
150
150
ns
ns
4
4
Delay RCLK to RPOS, RNEG,
PBEO, RBPV Valid
tDD
50
ns
NOTES:
1) E1 Mode.
2) T1 or J1 Mode.
3) Jitter attenuator enabled in the receive path.
4) Jitter attenuator disabled or enabled in the transmit path.
RECEIVE SIDE TIMING Figure 12-9
NOTES:
1) RCES = 1 (CCR2.0) or CES = 1.
2) RCES = 0 (CCR2.0) or CES = 0.
3) RNEG is in NRZ mode (CCR1.6 = 1).
tDD
RPOS, RNEG
RCLK2
CL
t
tCP
CH
t
RCLK1
PBEO
tDD
bit
error
BPV/
EXZ/
CV
PRBS Detector Out of Sync
RNEG3
BPV/
EXZ/
CV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com