Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148 Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS2148
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148 Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS2148 Datasheet HTML 32Page - Dallas Semiconductor DS2148 Datasheet HTML 33Page - Dallas Semiconductor DS2148 Datasheet HTML 34Page - Dallas Semiconductor DS2148 Datasheet HTML 35Page - Dallas Semiconductor DS2148 Datasheet HTML 36Page - Dallas Semiconductor DS2148 Datasheet HTML 37Page - Dallas Semiconductor DS2148 Datasheet HTML 38Page - Dallas Semiconductor DS2148 Datasheet HTML 39Page - Dallas Semiconductor DS2148 Datasheet HTML 40Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
DS2148/Q48
36 of 75
RECEIVED ALARM CRITERIA Table 7-1
ALARM
E1/T1
SET CRITERIA
CLEAR CRITERIA
RUA1
E1
Less than two zeros in two
frames (512 bits)
More than two zeros in two
frames (512 bits)
RUA1
T1
Over a 3ms window, five or less
zeros are received
Over a 3ms window, six or more
zeros are received
RCL1
E1
255 (or 2048)2 consecutive zeros
received
(G.775)
In 255 bit times, at least 32 ones
are received
RCL1
T1
192 (or 1544)2 consecutive zeros
are received
14 or more ones out of 112
possible bit positions are
received starting with the first
one received
NOTES:
1) Receive carrier loss (RCL) is also known as loss-of-signal (LOS) or Red Alarm in T1.
2) See CCR1.5 for details.
SR (06H): STATUS REGISTER
(MSB)
(LSB)
LUP
LDN
LOTC
RUA1
RCL
TCLE
TOCD
PRBSD
SYMBOL
POSITION
DESCRIPTION
LUP
(latched)
SR.7
Loop Up Code Detected. Set when the loop up code defined in
registers RUPCD1 and RUPCD2 is being received. See Section
6 for details.
LDN
(latched)
SR.6
Loop Down Code Detected. Set when the loop down code
defined in registers RDNCD1 and RDNCD2 is being received.
See Section 6 for details.
LOTC
(real time)
SR.5
Loss of Transmit Clock. Set when the TCLK pin has not
transitioned for 5
msec (±2msec). Will force the LOTC pin high.
RUA1
(latched)
SR.4
Receive Unframed All Ones. Set when an unframed all ones
code is received at RRING and RTIP. See Table 7-1for details.
RCL
(latched)
SR.3
Receive Carrier Loss. Set when a receive carrier loss condition
exists at RRING and RTIP. See Table 7-1for details.
TCLE
(real time)
SR.2
Transmit Current Limit Exceeded. Set when the 50mA (rms)
current limiter is activated whether the current limiter is enabled
or not.
TOCD
(real time)
SR.1
Transmit Open Circuit Detect. Set when the device detects
that the TTIP and TRING outputs are open circuited.
PRBSD
(real time)
SR.0
PRBS Detect. Set when the receive-side detects a 215-1 (E1) or
a 220-1 (T1) Pseudo Random Bit Sequence (PRBS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com