Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet (PDF) - Maxim Integrated Products

DS2149 Datasheet PDF - Maxim Integrated Products
Part # DS2149
Download  DS2149 Download
File Size   578.87 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V T1/J1 Line Interface Unit

DS2149 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2149 Datasheet PDF - Maxim Integrated Products

Part # DS2149
Download  DS2149 Click to download

File Size   578.87 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V T1/J1 Line Interface Unit

DS2149 Datasheet (HTML) - Maxim Integrated Products


DS2149 Product details

GENERAL DESCRIPTION

The DS2149 is a fully integrated LIU for long haul or short-haul T1 applications over twisted

pair installations. It interfaces to two twisted-pair linesóone pair for transmit and one pair for

receive through an appropriate network interface. The device can be configured for control through software or hardware mode. Software control is accomplished over a serial port, in hardware mode; individual pin settings allow standalone operation. The device provides a precise, crystal-less jitter attenuator that can be placed in either the transmit or receive path.



FEATURES

Fully Integrated Line Interface Unit (LIU)

Pin Compatible with LevelOne LXT362

Supports Both Long Haul and Short Haul

Crystal-Less Jitter Attenuator

Jitter Attenuator Programmable for Transmit or Receive Path

Meets ANSI T1.102, T1.403, T1.408, and AT&T 62411

Usable Receive Sensitivity of 0dB to -36dB That Allows the Device to Operate on 0.63mm (22AWG) Cables Up to 6k Feet in Length

Five Line Build-Out Settings for Short-Haul Applications

Four CSU Filters from 0dB to -22.5dB

Transmit/Receive Performance Monitors with Driver-Fail, Monitor-Open, and Loss of-Signal Outputs

Bipolar or NRZ Interface

Programmable B8ZS Encoder/Decoder

QRSS Generator/Detector

Local, Remote, and Analog Loopbacks

Generates and Detects In-Band Loop-Up and Loop-Down Codes

Serial Interface Provides Access to Control Registers



APPLICATIONS

Routers

Data Service Units (DSUs)

Channel Service Units (CSUs)

Muxes

Switches

Channel Banks

T1/E1 Test Equipment




Similar Part No. - DS2149

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2149DK MAXIM-DS2149DK Datasheet
506Kb / 14P
T1/J1 Line Interface Unit Design Kit
REV: 032403
More results


Similar Description - DS2149

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
5V E1/T1/J1 Line Interface
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS21349 MAXIM-DS21349 Datasheet
387Kb / 32P
3.3V T1/J1 Line Interface Unit
REV: 010903
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS21349DK MAXIM-DS21349DK Datasheet
506Kb / 14P
T1/J1 Line Interface Unit Design Kit
REV: 032403
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS21349 MAXIM-DS21349_V01 Datasheet
667Kb / 35P
3.3V T1/J1 Line Interface Unit
REV: 011206
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com