Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2149 Datasheet HTML 1Page - Maxim Integrated Products DS2149 Datasheet HTML 2Page - Maxim Integrated Products DS2149 Datasheet HTML 3Page - Maxim Integrated Products DS2149 Datasheet HTML 4Page - Maxim Integrated Products DS2149 Datasheet HTML 5Page - Maxim Integrated Products DS2149 Datasheet HTML 6Page - Maxim Integrated Products DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DS2149
5 of 32
2. OPERATING MODES
The DS2149 has several pins with multiple functions and names according to the selected operating
mode. These operating modes are summarized in the tables below.
Table 2-A. Operating Modes
QRSS DISABLED
QRSS ENABLED
PIN
BIPOLAR
NRZ
BIPOLAR
NRZ
1
MCLK
2
TCLK
3
TPOS
TDATA
INSLER
4
TNEG
INSBPV
INSBPV
6
RNEG
BPV
RNEG
BPV
7
RPOS
RDATA
RPOS
RDATA
8
RCLK
13
TTIP
16
TRING
19
RTIP
20
RRING
Control pins are affected by serial port and hardware modes.
Table 2-B. Control Pins for Hardware and Software Modes
HARDWARE MODE
SERIAL PORT MODE
PIN
NRZ
QRSS
NRZ
QRSS
5
MODE1
MODE1
9
MODE0
MODE0
11
JASEL
N.C.
12
RCL
RCL/QPD
RCL
RCL/QPD
23
L0
INT
24
L1
SDI
25
L2
SDO
17
L3
N.C.
18
NLOOP
NLOOP
26
RLB
NLB
CS
27
LLB
ALB
SCLK
28
TAIS
QRSS
CLKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com