Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 24Page - Maxim Integrated Products DS2149 Datasheet HTML 25Page - Maxim Integrated Products DS2149 Datasheet HTML 26Page - Maxim Integrated Products DS2149 Datasheet HTML 27Page - Maxim Integrated Products DS2149 Datasheet HTML 28Page - Maxim Integrated Products DS2149 Datasheet HTML 29Page - Maxim Integrated Products DS2149 Datasheet HTML 30Page - Maxim Integrated Products DS2149 Datasheet HTML 31Page - Maxim Integrated Products DS2149 Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
DS2149
28 of 32
12. DC CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-1.0V to +6.0V
Operating Temperature Range for DS2149QN
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020 Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Supply for 5V Operation (Note 1)
VDD
4.75
5
5.25
V
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
DC CHARACTERISTICS
(VDD = 5V
±5%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Leakage (Note 2)
IIL
-1.0
+1.0
mA
Output Leakage (Note 3)
ILO
1.0
mA
Output Current (2.4V)
IOH
-1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
Power Dissipation at 5V (Notes 4, 5)
PDD
500
mW
Note 1: Applies to VDD.
Note 2: 0V < VIN < VDD.
Note 3: Applied to
INT when tri-stated
Note 4: TCLK = MCLK = 1.544MHz.
Note 5: Power dissipation for an all-ones data density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com