Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 20Page - Maxim Integrated Products DS2149 Datasheet HTML 21Page - Maxim Integrated Products DS2149 Datasheet HTML 22Page - Maxim Integrated Products DS2149 Datasheet HTML 23Page - Maxim Integrated Products DS2149 Datasheet HTML 24Page - Maxim Integrated Products DS2149 Datasheet HTML 25Page - Maxim Integrated Products DS2149 Datasheet HTML 26Page - Maxim Integrated Products DS2149 Datasheet HTML 27Page - Maxim Integrated Products DS2149 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
DS2149
24 of 32
11. NETWORK INTERFACE
Transformer specifications are listed in Table 11-A and Table 11-B. Table 11-C illustrates the series
resistance necessary for the basic interface and is associated with different transformer turns ratios.
Smaller turns ratios result in lower power-supply requirements. However, series resistance provides
added protection from potentially damaging voltages that can occur during lightning strikes. A basic
network interface is illustrated in Figure 11-1. For a complete discussion of network interface design,
refer to Application Note 324: T1/E1 Network Interface Design.
Table 11-A. Specifications for Receive Transformer
SPECIFICATION
RECOMMENDED VALUE
Turns Ratio (all applications)
1:1 ±2%
Primary Inductance
600
mH minimum
Leakage Inductance
1.0
mH maximum
Interwinding Capacitance
40pF maximum
Receive Transformer DC Resistance
Primary (Device Side)
Secondary
1.2Ω maximum
1.2Ω maximum
Table 11-B. Specifications for Transmit Transformer
SPECIFICATION
RECOMMENDED VALUE
Turns Ratio, 5V
1:2 ±2%
Primary Inductance
600
mH minimum
Leakage Inductance
1.0
mH maximum
Interwinding Capacitance
40pF maximum
Transmit Transformer DC Resistance
Primary (Device Side)
Secondary
1.0Ω maximum
2.0Ω maximum
Table 11-C. Transformer Turns Ratio vs. Series Resistance
XFMR2
(CR4.1)
XFMR1
(CR4.0)
OPERATING
VOLTAGE
(V)
APPLICATION
N
Rt (Ω)
Long/Short
1:2
0
0
0
5.0
D4
1:2
0
1:1.15
0
Long/Short
1:2
9.1
0
1
5.0
D4
1:2
0
1:2
4:3
Long/Short
1:1.6
0
1:2
4.3
1
0
5.0
D4
1:1.6
0
1:1.15
0
Long/Short
1:2
9.1
1
1
5.0
D4
1:2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com