Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2149 Datasheet HTML 1Page - Maxim Integrated Products DS2149 Datasheet HTML 2Page - Maxim Integrated Products DS2149 Datasheet HTML 3Page - Maxim Integrated Products DS2149 Datasheet HTML 4Page - Maxim Integrated Products DS2149 Datasheet HTML 5Page - Maxim Integrated Products DS2149 Datasheet HTML 6Page - Maxim Integrated Products DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DS2149
4 of 32
1. DETAILED DESCRIPTION
The DS2149 is a complete T1 line interface unit (LIU) for short-haul and long-haul applications. Receive
sensitivity adjusts automatically to the incoming signal and can be limited to -18dB, -26dB, or
-36dB. The device can generate the necessary DSX-1 line build-outs or CSU line build-outs of 0dB,
-7.5dB, -15dB, and -22.5dB. The on-board crystal-less jitter attenuator requires a 1.544MHz reference
clock. The jitter attenuator FIFO is selectable to either 32 bits or 128 bits in depth and can be placed in
either the transmit or receive data paths. The DS2149 has diagnostic capabilities such as loopbacks and
QRSS pattern generation and detection. The device can also generate and detect the in-band loop-up and
loop-down codes specified in AT&T 62411. The device can be configured for control using a serial
interface, or for hardware mode. The device fully meets all of the latest T1 specifications including ANSI
T1.102-1999, ANSI T1.403-1999, ANSI T1.408, and AT&T 62411.
Figure 1-1. Block Diagram
TRING
TTIP
RRING
RTIP
TPOS
TCLK
TNEG
RPOS
RCLK
RNEG
RCL/QPD
NLOOP
Power connections
Hardware Interface
Serial Interface
VCO / PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com