Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 24Page - Maxim Integrated Products DS2149 Datasheet HTML 25Page - Maxim Integrated Products DS2149 Datasheet HTML 26Page - Maxim Integrated Products DS2149 Datasheet HTML 27Page - Maxim Integrated Products DS2149 Datasheet HTML 28Page - Maxim Integrated Products DS2149 Datasheet HTML 29Page - Maxim Integrated Products DS2149 Datasheet HTML 30Page - Maxim Integrated Products DS2149 Datasheet HTML 31Page - Maxim Integrated Products DS2149 Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
DS2149
29 of 32
AC CHARACTERISTICS: SERIAL PORT (MODE1 = 1)
(VDD = 5.0V
±5%, TA = -40°C to +85°C.) (Figure 12-1 and Figure 12-2)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Setup Time
CS to SCLK
tCSS
50
ns
Setup Time SDI to SCLK
tSSS
50
ns
Hold Time SCLK to SDI
tSSH
50
ns
SCLK High/Low Time
tSLH
200
ns
SCLK Rise/Fall Time
tSRF
50
ns
SCLK to
CS Inactive
tLSC
50
ns
CS Inactive Time
tCM
250
ns
SCLK to SDO Valid
tSSV
50
ns
SCLK to SDO Tri-State
tSSH
100
ns
CS Inactive or SCLK to SDO Tri-State
tCSH
100
ns
Figure 12-1. Serial Bus Read Timing (MODE1 = 1)
Figure 12-2. Serial Bus Write Timing (MODE1 = 1)
SCLK
CS
HIGH-Z
SDO
t
LSC
HIGH-Z
LSB
MSB
t
CSH
t
SSV
SCLK
CS
t
LSC
HIGH-Z
SDO
HIGH-Z
LSB
MSB
t
CSH
t
SSV
MSB
SCLK
SDI
CS
t
CSS
t
SSS
t
SSH
t
SRF
t
SLH
t
LSC
t
CM
LSB
LSB
MSB
Data Byte
Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com