Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 12Page - Maxim Integrated Products DS2149 Datasheet HTML 13Page - Maxim Integrated Products DS2149 Datasheet HTML 14Page - Maxim Integrated Products DS2149 Datasheet HTML 15Page - Maxim Integrated Products DS2149 Datasheet HTML 16Page - Maxim Integrated Products DS2149 Datasheet HTML 17Page - Maxim Integrated Products DS2149 Datasheet HTML 18Page - Maxim Integrated Products DS2149 Datasheet HTML 19Page - Maxim Integrated Products DS2149 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
DS2149
16 of 32
6.3 Receive Digital-Data Interface
Recovered data is routed to the RCL monitor. In software mode, data also goes through the alarm
indication signal (AIS) monitor. The jitter attenuator can be enabled or disabled in the receive path or
transmit path. Received data can be routed to the B8ZS decoder or bypassed. Finally, the device can send
the digital data to the framer as either bipolar or NRZ data.
6.4 Receive Monitor Mode
The receive equalizer can be used in monitor-mode applications. Monitor-mode applications require
20dB of resistive attenuation of the signal, plus an allowance for cable attenuation (less than 20dB). In
software mode, setting CR3.4 (EQZMON20) enables the device to operate in monitor-mode applications
that require 20dB of resistive attenuation of the signal. Setting CR3.3 (EQZMON26) enables the device
to operate in monitor-mode applications that require 26dB of resistve attenuation. Setting both CR3.3 and
CR3.4 enables the device to operate in monitor-mode applications that require 32dB of resistive
attenuation. The monitor mode feature is not available in hardware mode.
7. JITTER ATTENUATION
The jitter attenuator only requires a jitter-free clock at 1.544MHz applied to the MCLK input. In
hardware mode, the jitter attenuator is a 32-bit FIFO buffer. Pulling the JASEL pin high places the jitter
attenuator in the receive path. Pulling the JASEL pin low places the jitter attenuator in the transmit path,
floating the JASEL pin disables the jitter attenuator. In software mode, clearing CR1.6 (JASEL0) disables
the jitter attenuator, setting CR1.6 enables the jitter attenuator. If enabled, clearing CR1.7 (JASEL1)
places the jitter attenuator in the transmit path, setting CR1.7 places the jitter attenuator in the receive
path. The jitter attenuator FIFO is 32 bits in length if CR3.2 (JA128) is cleared, 128 bits if set. The device
clocks data in the jitter attenuator using TCLK if placed in the transmit path, and RCLK if placed in the
receive path. Data is clocked out of the jitter attenuator using the dejittered clock produced by the internal
PLL. When the jitter attenuator is within two bits of overflowing or underflowing, the jitter attenuator
will adjust the output clock by one-eighth of a clock cycle. The jitter attenuator adds an average delay of
16 bits if the buffer depth is 32 bits in length, 64 bits if the buffer depth is 128 bits in length. In the event
of an RCL condition, if the jitter attenuator is in the receive path then RCLK is derived from MCLK.
Transition Status register bit TSR.6 (JALT) indicates that the jitter attenuator has adjusted the output
clock. This bit is latched, when set it remains set until the software reads the bit. The JALT can also
produce a hardware interrupt.
8. HARDWARE MODE
The DS2149 operates in hardware mode when the MODE1 pin is pulled low or floated. In hardware
mode, configuration of the device is under control of various input pins. RPOS, RNEG, and RDATA are
valid on the rising edge of RCLK only. Some functions such as INT, clock edge select, and some
diagnostic modes are not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com