Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 5Page - Maxim Integrated Products DS2149 Datasheet HTML 6Page - Maxim Integrated Products DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products DS2149 Datasheet HTML 12Page - Maxim Integrated Products DS2149 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DS2149
9 of 32
3. INITIALIZATION AND RESET
During power-up, all control registers are cleared, disabling the transmitter outputs. The device requires a
master clock supplied to the MCLK input pin to operate the PLL. This master clock must be independent,
free-running, and jitter free.
A reset initializes the status and state machines for the RCL, AIS, NLOOP, and QRSS blocks. Under
software control, setting the RESET bit (CR2.7) clears all registers. Allow up to 100ms for the receiver to
recover from initialization.
4. REGISTER DEFINITIONS
The DS2149 contains eight registers for configuring the device and reading status. These are accessible
using the serial port. Table 4-A lists the register names and addresses.
Reading or writing to the internal registers requires writing one address/command byte prior to
transferring register data. The first bit written (LSb) of the address/command byte specifies whether the
access is a read (1) or a write (0). The next 6 bits identify the register address.
The last bit (MSb) of the address/command byte is the burst mode bit. When the burst bit is enabled (set
to 1) and a READ operation is performed, addresses 10h through 17h are read sequentially, starting at
address 10h. And when the burst bit is enabled and a WRITE operation is performed, addresses 10h
through 17h are written sequentially, starting at address 10h. Burst operation is stopped once address 17h
is read. All data transfers are initiated by driving the
CS input low. All data transfers are terminated if the
CS input transitions high. Port control logic is disabled and SDO is tri-stated when CS is high.
Table 4-A. Register Map
REGISTER
SYMBOL
ADDRESS
Control Register 1
CR1
B010000
Control Register 2
CR2
B010001
Control Register 3
CR3
B010010
Interrupt Mask Register
IMR
B010011
Transition Status Register
TSR
B010100
Status Register
SR
B010101
Information Register
IR
B010110
Control Register 4
CR4
B010111
Table 4-B. Register Bit Positions
SYMBOL 7 (MSb)
6
5
4
3
2
1
0 (LSb)
CR1
JASEL1
JASEL0
ENCENB
UNIENB
L3
L2
L1
L0
CR2
RESET
PAT1
PAT0
TAIS
ENLOOP
ALB
LLB
RLB
CR3
JA6HZ
TPD
—
EQZMON20 EQZMON26
JA128
LIRST
TAOZ
IMR
Z16D
JALT
DFMO
B8ZSD
QRSS
AIS
NLOOP
RCL
TSR
Z16D
JALT
DFMO
B8ZSD
QRSS
AIS
NLOOP
RCL
SR
—
—
DFMO
—
QRSS
AIS
NLOOP
RCL
IR
RL3
RL2
RL1
RL0
LUP
LDN
TSCD
LOTC
CR4
—
—
—
—
—
RCL2048
XFMR2
XFMR1
Note: Set unused bits to 0 for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com