Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 24Page - Maxim Integrated Products DS2149 Datasheet HTML 25Page - Maxim Integrated Products DS2149 Datasheet HTML 26Page - Maxim Integrated Products DS2149 Datasheet HTML 27Page - Maxim Integrated Products DS2149 Datasheet HTML 28Page - Maxim Integrated Products DS2149 Datasheet HTML 29Page - Maxim Integrated Products DS2149 Datasheet HTML 30Page - Maxim Integrated Products DS2149 Datasheet HTML 31Page - Maxim Integrated Products DS2149 Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
DS2149
30 of 32
AC CHARACTERISTICS: RECEIVE SIDE
(VDD = 5V ±5%, TA = -40°C to +85°C.) (Figure 12-3)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
RCLK Period
tCP
648
ns
RCLK Pulse Width (Note 6)
tCH
tCL
200
ns
RCLK Pulse Width (Note 7)
tCH
tCL
150
ns
Delay RCLK to RPOS, RNEG Valid
tDD
50
ns
Note 6: Jitter attenuator enabled in the receive path.
Note 7: Jitter attenuator disabled or enabled in the transmit path.
Figure 12-3. AC Characteristics for Receive Side
RCLK
RPOS
RNEG
IN SOFTWARE MODE:
CLKE = 1
RPOS
RNEG
IN SOFTWARE AND
HARDWARE MODE:
CLKE = 0
t
DD
t
DD
t
CL
t
CH
t
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com