Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products DS2149 Datasheet HTML 12Page - Maxim Integrated Products DS2149 Datasheet HTML 13Page - Maxim Integrated Products DS2149 Datasheet HTML 14Page - Maxim Integrated Products DS2149 Datasheet HTML 15Page - Maxim Integrated Products DS2149 Datasheet HTML 16Page - Maxim Integrated Products DS2149 Datasheet HTML 17Page - Maxim Integrated Products DS2149 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
DS2149
14 of 32
CR4 (B010111): Control Register 4
MSb
LSb
—
—
—
—
—
RCL2048
XFMR2
XFMR1
SYMBOL
POSITION
FUNCTION
—
CR4.7
—
—
CR4.6
—
—
CR4.5
—
—
CR4.4
—
—
CR4.3
—
RCL2048
CR4.2
0 = RCL threshold: 192 consecutive 0s
1 = RCL threshold: 2048 consecutive 0s
XFMR2
CR4.1
Set to 0 for use with standard transformers.
Set to 1 for use with alternate transformers (Table 11-C)
XFMR1
CR4.0
Set to 0 for use with standard transformers.
Set to 1 for use with alternate transformers (Table 11-C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com