Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 3Page - Maxim Integrated Products DS2149 Datasheet HTML 4Page - Maxim Integrated Products DS2149 Datasheet HTML 5Page - Maxim Integrated Products DS2149 Datasheet HTML 6Page - Maxim Integrated Products DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
DS2149
7 of 32
Table 2-C. Signal Descriptions
PIN
NAME
I/O
FUNCTION
1
MCLK
I
Master Clock. A 1.544MHz clock source with TTL levels is applied at this pin. This
clock is used internally for both clock/data recovery and for jitter attenuation.1
2
TCLK
I
Transmit Clock. A 1.544MHz primary clock. Used to clock data through the transmit
side formatter. Can be sourced internally by MCLK or RCLK.
TPOS
Transmit Positive Data. Sampled on the falling edge of TCLK for data to be
transmitted out onto the line.
TDATA
Transmit NRZ Data. Sampled on the falling edge of TCLK for data to be transmitted
onto the line.
3
INSLER
I
Transmit Insert Logic Error. Rising edge on INSLER inserts a logic error into the
outbound QRSS pattern. Sampled on falling edge of TCLK.
TNEG
Transmit Negative Data. Sampled on the falling edge of TCLK for data to be
transmitted out onto the line.
4
INSBPV
I
Transmit Insert Bipolar Violation. INSBPV is sampled on the falling edge of TCLK.
Rising edge inserts one BPV.
5
MODE1
I2
Mode Select 1. Connect low to select hardware mode. Connect high to select serial
port mode. See also MODE0.
RNEG
Receive Negative Data. Updated on the rising edge (CCR2.0 = 0) or the falling edge
(CCR2.0 = 1) of RCLK with the bipolar data out of the line interface. Always valid
on rising edge of RCLK in hardware mode.
6
BPV
O
Receive Bipolar Violation. Transitions high for one clock cycle marking an inbound
bipolar violation. Valid on rising edge of RCLK.
RPOS
Receive Positive Data. Updated on the rising edge (CCR2.0 = 0) or the falling edge
(CCR2.0 = 1) of RCLK with bipolar data out of the line interface. Always valid on
rising edge of RCLK in hardware mode.
7
RDATA
O
Receive Data. RDATA is the NRZ output from the line interface. Set NRZE
(CCR1.6) to a 1 for NRZ applications. In NRZ mode, data is output on RPOS while a
received error causes a positive-going pulse synchronous with RCLK at RNEG
(Section 6).
8
RCLK
O
Receive Clock. Buffered recovered clock from the line. Synchronous to MCLK in
absence of signal at RTIP and RRING.
9
MODE0
I2
Mode Select 0. Set high to disable all output pins (including the serial control port).
Set low for normal operation. Useful in board level testing. See also MODE1.
10
VSM
I
Voltage Supply Mode. Connect high for 5V operation. Has 10k
W pullup.
11
JASEL
I2
Jitter Attenuator Select
0 = Place the jitter attenuator on the transmit side
1 = Place the jitter attenuator on the receive side
Float = Disable jitter attenuator
Not used in software mode
RCL
Receive Carrier Loss. An output that toggles high during a receive carrier loss.
12
QPD
O
QPD. Output high when QRSS detector is searching for QRSS data pattern. Output
high for one-half clock cycle on bit error. Connect to external counter to count bit
errors.
13/
16
TTIP/
TRING
O
Transmit Tip and Ring. Analog line driver outputs. These pins connect through a
step-up transformer to the line (Section 5).
14
VSS
—
Ground for Transmitter Block
15
TVDD
—
Positive Supply. 5.0V ±5% for the transmitter block. See also VSM pin 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com