Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 21Page - Maxim Integrated Products DS2149 Datasheet HTML 22Page - Maxim Integrated Products DS2149 Datasheet HTML 23Page - Maxim Integrated Products DS2149 Datasheet HTML 24Page - Maxim Integrated Products DS2149 Datasheet HTML 25Page - Maxim Integrated Products DS2149 Datasheet HTML 26Page - Maxim Integrated Products DS2149 Datasheet HTML 27Page - Maxim Integrated Products DS2149 Datasheet HTML 28Page - Maxim Integrated Products DS2149 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DS2149
25 of 32
Figure 11-1. Basic Network Interface
Note 1: All resistor values are ±1%.
Note 2: The Rr resistors should be 50Ω each for T1 lines.
Note 3: C = 1
mF if using a 1:2 transformer; C = 2mF if using a 1:3 transformer.
RTIP
RRING
TTIP
TRING
RECEIVE
LINE
N:1
(larger winding
toward the network)
DS2149
C
VDD (21)
VSS (22)
0.1µF
VDD (15)
VSS (14)
0.1µF
+VDD
0.01µF
1.544MHz
MCLK
1:1
0.1µF
Rr
Rr
Rt
Rt
TRANSMIT
LINE
10µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com