Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products DS2149 Datasheet HTML 12Page - Maxim Integrated Products DS2149 Datasheet HTML 13Page - Maxim Integrated Products DS2149 Datasheet HTML 14Page - Maxim Integrated Products DS2149 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DS2149
11 of 32
CR2 (B010001): Control Register 2
MSb
LSb
RESET
PAT1
PAT0
TAIS
ENLOOP
ALB
LLB
RLB
SYMBOL
POSITION
FUNCTION
RESET
CR2.7
Resets device states and clears all registers.
PAT1
CR2.6
Selects output data pattern (Table 4-F).
PAT0
CR2.5
Selects output data pattern (Table 4-F).
TAIS
CR2.4
0 = Transmit data normally
1 = Transmit unframed all ones
ENLOOP
CR2.3
0 = Disable in-band loop-code detection
1 = Enable in-band loop-code detection
ALB
CR2.2
0 = Disable analog loopback
1 = Enable analog loopback
LLB
CR2.1
0 = Disable local loopback
1 = Enable local loopback
RLB
CR2.0
0 = Disable remote loopback
1 = Enable remote loopback
Table 4-F. Data Pattern Selection
PAT0
PAT1
DATA SOURCE
0
0
TPOS/TNEG
0
1
Transmit QRSS
1
0
In-band loop-up 00001
1
1
In-band loop-down 001
CR3 (B010010): Control Register 3
MSb
LSb
JA6HZ
TPD
—
EQZMON20
EQZMON26
JA128
LIRST
TAOZ
SYMBOL
POSITION
FUNCTION
JA6HZ
CR3.7
0 = Set bandwidth of jitter attenuator to 3Hz
1 = Set bandwidth of jitter attenuator to 6Hz; not available if
JA128 = 1
TPD
CR3.6
0 = Enable transmitter outputs
1 = Disable transmitter outputs
—
CR3.5
—
EQZMON20
CR3.4
0 = Normal receiver operation
1 = Add 20dB of resistive gain to inbound signal
EQZMON26
CR3.3
0 = Normal receiver operation
1 = Add 26dB of resistive gain to inbound signal
JA128
CR3.2
0 = Jitter attenuator buffer depth = 32 bits
1 = Jitter attenuator buffer depth = 128 bits
LIRST
CR3.1
0 = Normal operation
1 = Reset the receive LIU state machine
TAOZ
CR3.0
0 = Disable transmit alternate 1s and 0s
1 = Enable transmit alternate 1s and 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com