Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2149 Datasheet HTML 1Page - Maxim Integrated Products DS2149 Datasheet HTML 2Page - Maxim Integrated Products DS2149 Datasheet HTML 3Page - Maxim Integrated Products DS2149 Datasheet HTML 4Page - Maxim Integrated Products DS2149 Datasheet HTML 5Page - Maxim Integrated Products DS2149 Datasheet HTML 6Page - Maxim Integrated Products DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 of 32
REV: 113004
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2149 is a fully integrated LIU for long-
haul or short-haul T1 applications over twisted-
pair installations. It interfaces to two twisted-pair
lines—one pair for transmit and one pair for
receive
through
an
appropriate
network
interface. The device can be configured for
control through software or hardware mode.
Software control is accomplished over a serial
port, in hardware mode; individual pin settings
allow standalone operation. The device provides
a precise, crystal-less jitter attenuator that can be
placed in either the transmit or receive path.
APPLICATIONS
Routers
Data Service Units (DSUs)
Channel Service Units (CSUs)
Muxes
Switches
Channel Banks
T1/E1 Test Equipment
PIN CONFIGURATION
FEATURES
§ Fully Integrated Line Interface Unit (LIU)
§ Pin Compatible with LevelOne LXT362
§ Supports Both Long Haul and Short Haul
§ Crystal-Less Jitter Attenuator
§ Jitter Attenuator Programmable for Transmit
or Receive Path
§ Meets ANSI T1.102, T1.403, T1.408, and
AT&T 62411
§ Usable Receive Sensitivity of 0dB to -36dB
That Allows the Device to Operate on
0.63mm (22AWG) Cables Up to 6k Feet in
Length
§ Five Line Build-Out Settings for Short-Haul
Applications
§ Four CSU Filters from 0dB to -22.5dB
§ Transmit/Receive Performance Monitors
with Driver-Fail, Monitor-Open, and Loss-
of-Signal Outputs
§ Bipolar or NRZ Interface
§ Programmable B8ZS Encoder/Decoder
§ QRSS Generator/Detector
§ Local, Remote, and Analog Loopbacks
§ Generates and Detects In-Band Loop-Up and
Loop-Down Codes
§ Serial Interface Provides Access to Control
Registers
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2149Q
0°C to +70°C
28 PLCC
DS2149QN
-40°C to +85°C
28 PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
12 13 14 15 16 17 18
4 3 2 1 28 27 26
DS2149
TOP VIEW
PLCC
www.maxim-ic.com
DS2149
5V T1/J1 Line Interface Unit
DEMO KIT AVAILABLE


Similar Part No. - DS2149

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2149DK MAXIM-DS2149DK Datasheet
506Kb / 14P
T1/J1 Line Interface Unit Design Kit
REV: 032403
More results

Similar Description - DS2149

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
5V E1/T1/J1 Line Interface
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS21349 MAXIM-DS21349 Datasheet
387Kb / 32P
3.3V T1/J1 Line Interface Unit
REV: 010903
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS21349DK MAXIM-DS21349DK Datasheet
506Kb / 14P
T1/J1 Line Interface Unit Design Kit
REV: 032403
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS21349 MAXIM-DS21349_V01 Datasheet
667Kb / 35P
3.3V T1/J1 Line Interface Unit
REV: 011206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com