Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 9Page - Maxim Integrated Products DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products DS2149 Datasheet HTML 12Page - Maxim Integrated Products DS2149 Datasheet HTML 13Page - Maxim Integrated Products DS2149 Datasheet HTML 14Page - Maxim Integrated Products DS2149 Datasheet HTML 15Page - Maxim Integrated Products DS2149 Datasheet HTML 16Page - Maxim Integrated Products DS2149 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DS2149
13 of 32
SR (B010101): Status Register
MSb
LSb
—
—
DFMO
—
QRSS
AIS
NLOOP
RCL
SYMBOL
POSITION
FUNCTION
—
SR.7
—
—
SR.6
—
DFMO
SR.5
Set when transmitter detects open circuit.
—
SR.4
—
QRSS
SR.3
Set when the QRSS pattern is present at the receiver.
AIS
SR.2
Set when the AIS pattern is present at the receiver.
NLOOP
SR.1
Set when the in-band loop-up code is present at the receiver.
RCL
SR.0
Set when receiver has detected consecutive s set forth by CR4.2.
Cleared when the receiver detects 14 1s in a window of 112 clock
cycles.
IR (B010110): Information Register
MSb
LSb
RL3
RL2
RL1
RL0
LUP
LDN
TSCD
LOTC
SYMBOL
POSITION
FUNCTION
RL3
IR.7
—
RL2
IR.6
—
RL1
IR.5
—
RL0
IR.4
—
LUP
IR.3
Set when in-band loop-up code is being received.
LDN
IR.2
Set when in-band loop-down code is being received.
TSCD
IR.1
Set when transmitter detects a short circuit.
LOTC
IR.0
Set when TCLK has not transitioned for approximately 5
ms.
Receive Level Indication: RL0 is the LSB and RL3 is the MSB of a 4-bit nibble that is used to indicate the inbound
signal strength. Convert the binary to decimal and multiply by -2.5dB. The result indicates the approximate
attenuation seen at the receiver inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com