Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2149 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 4Page - Maxim Integrated Products DS2149 Datasheet HTML 5Page - Maxim Integrated Products DS2149 Datasheet HTML 6Page - Maxim Integrated Products DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products DS2149 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
DS2149
8 of 32
PIN
NAME
I/O
FUNCTION
17
L3
I
LBO3. LBO0 through LBO3 are used to select transmitter output pulse, and receiver
gain.
18
NLOOP
O
Network Loopback Active. Output high when RLB is activated by in-band loop-up
command present for 5 seconds. Output is reset when RLP is deactivated by in-band
loop-down command present for 5 seconds. Activation of remote loopback through
hardware pin 26 or control bit RLB releases the NLOOP output.
19/
20
RTIP/
RRING
I
Receive Tip and Ring. Analog inputs for clock recovery circuitry. These pins connect
through a 1:1 transformer to the line (Section 6).
21
VDD
—
Positive Supply. 5V ±5%. See also VSM pin 10.
22
VSS
—
Signal Ground
L0
LBO0. LBO0 through LBO3 are used to select transmitter output pulse, and receiver
gain.
23
INT
I/O
INT. Used to alert the host when one or more bits are set in the status register.
L1
LBO1. LBO0 through LBO3 are used to select transmitter output pulse, and receiver
gain.
24
SDI
I
Serial Data Input. Input for serial address and data stream. Sampled on rising of
SCLK.
L2
LBO2. LBO0 through LBO3 are used to select transmitter output pulse, and receiver
gain.
25
SDO
O
Serial Data Output. Updated on falling edge of SCLK if CLKE is connected high.
Updated on rising edge of SCLK if CLKE is connected low. SDO is high-Z during
write cycle or when CS is high.
RLB
Remote Loopback. Used to invoke remote loopback. When held high, the transmitter
inputs are ignored and inbound data received at RTIP and RRING is routed to the
transmitter outputs, TTIP and TRING and transmitted at the inbound recovered clock
rate.
NLB
Network Loopback. Enables network loopback detection when RLB floats.
26
CS
I2
Chip Select. Must be low to read or write to the device.
CS is an active-low signal.
LLB
Local Loopback. Used to invoke local loopback. When held high, digital inputs
TPOS and TNEG are looped back to RPOS and RNEG, through the jitter attenuator
if enabled. Floating this input invokes analog loopback. The analog output signal at
TTIP and TRING is routed to the receive inputs RTIP and RRING.
27
SCLK
I2
Serial Clock Input. Input clock to operate serial port. Max clock rate, 2.048MHz.
TAIS
Transmit AIS. Input high forces transmitter to output unframed all ones. Unavailable
in remote loopback.
QRSS
QRSS. Floating this pin enables QRSS pattern generator and detector. Input low
enables normal transmission of data.
28
CLKE
I2
Clock Edge Select
0 = Update RNEG/RPOS on falling edge of RCLK, SDO updated on rising edge of
SCLK.
1 = Update RNEG/RPOS on rising edge of RCLK, SDO updated on falling edge of
SCLK.
Note 1: G.703 requires an accuracy of ±50ppm for T1. TR62411 and ANSI specifications require an accuracy of ±32ppm for T1 interfaces.
Note 2: Input pins have three operating modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com