Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1501 Datasheet (PDF) - SUNMATE electronic Co., LTD

PR1501 Datasheet PDF - SUNMATE electronic Co., LTD
Part # PR1501
Download  PR1501 Download
File Size   297.89 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

PR1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR1501 Datasheet PDF - SUNMATE electronic Co., LTD

Part # PR1501
Download  PR1501 Click to download

File Size   297.89 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

PR1501 Datasheet (HTML) - SUNMATE electronic Co., LTD


PR1501 Product details

VOLTAGE RANGE: 50 - 1000V
CURRENT: 1.5 A

Features
• Glass Passivated Die Construction
• Diffused Junction
• Fast Switching for High Efficiency
• High Current Capability and Low Forward Voltage Drop
• Low Reverse Leakage Current
• Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - PR1501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1501 DIODES-PR1501 Datasheet
62Kb / 2P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. B1-2
logo
List of Unclassifed Man...
PR1501 ETC-PR1501 Datasheet
161Kb / 2P
Plastic Fast Recover Rectifier
logo
Diodes Incorporated
PR1501 DIODES-PR1501 Datasheet
87Kb / 3P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
PR1501 BILIN-PR1501 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR1501 CTC-PR1501 Datasheet
51Kb / 2P
FAST RECOVERY RECTIFIERS (DO-41)
More results


Similar Description - PR1501

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com