Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4154 Datasheet (PDF) - Diode Semiconductor Korea

LL4154 Datasheet PDF - Diode Semiconductor Korea
Part # LL4154
Download  LL4154 Download
File Size   144.12 Kbytes
Page   3 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SMALL SIGNAL SWITCHING DIODE

LL4154 Datasheet (PDF)

Go To PDF Page Download Datasheet
LL4154 Datasheet PDF - Diode Semiconductor Korea

Part # LL4154
Download  LL4154 Click to download

File Size   144.12 Kbytes
Page   3 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SMALL SIGNAL SWITCHING DIODE

LL4154 Datasheet (HTML) - Diode Semiconductor Korea


LL4154 Product details

REVERSE VOLTAGE: 25 V CURRENT: 0.15 A

FEATURES
◇ Silicon epitaxial planar diode
◇ High speed switching diode
◇ 500 mW power dissipation

MECHANICAL DATA
◇ Case: MINI-MELF,glass case
◇ Polarity: Color band denotes cathode
◇ Weight: 0.031 grams




Similar Part No. - LL4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diodes Incorporated
LL4154 DIODES-LL4154 Datasheet
59Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30071 Rev. A-2
logo
Galaxy Semi-Conductor H...
LL4154 BILIN-LL4154 Datasheet
123Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vaishali Semiconductor
LL4154 VAISH-LL4154 Datasheet
99Kb / 5P
Fast Switching Diode
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
98Kb / 5P
Fast Switching Diode
06-Apr-04
More results


Similar Description - LL4154

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com