Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4154 Datasheet(PDF) 3 Page - Diode Semiconductor Korea

Part # LL4154
Description  SMALL SIGNAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

LL4154 Datasheet(HTML) 3 Page - Diode Semiconductor Korea

  LL4154 Datasheet HTML 1Page - Diode Semiconductor Korea LL4154 Datasheet HTML 2Page - Diode Semiconductor Korea LL4154 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VO
5K
2nF
VRF=2V
D.U.T.
60
1.1
1.0
0.8
0.9
0.7
0
2
4
6
8
1 0V
TJ=25
f=1MHz
Ctot(OV)
VR
Ctot(VR)
0
20 0℃
10
1
nA
3
10
2
10
4
10
VR=50V
10 0
10
TJ=25℃
f=1MHz
mA
1
-1
10
-2
10
rF
IF
10
1
2
10
2
10
3
10
4
10
FIG.4 -- RECTIFICATION EFFICIENCY
JJJJJJJJMEASUREMENT CIRCUIT
FIG.5 -- RELATIVE CAPACITANCE VERSUS
JJJJJJJJJJJJJJ
VOLTAGE
LL4154
FIG.6 -- LEAKAGE CURRENT VERSUS JUNCTION
TEMPERATUREFF
FIG.7 -- DYNAMIC FORWARD RESISTANCE
FFFVERSUS FORWARD CURRENT
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com