Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340CLD-5.0 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LP8340CLD-5.0 Datasheet PDF - National Semiconductor (TI)
Part # LP8340CLD-5.0
Download  LP8340CLD-5.0 Download
File Size   304.75 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Low Dropout, Low IQ, 1.0A CMOS Linear Regulator

LP8340CLD-5.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8340CLD-5.0 Datasheet PDF - National Semiconductor (TI)

Part # LP8340CLD-5.0
Download  LP8340CLD-5.0 Click to download

File Size   304.75 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Low Dropout, Low IQ, 1.0A CMOS Linear Regulator

LP8340CLD-5.0 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LP8340CLD-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340 TI2-LP8340 Datasheet
873Kb / 17P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
REVISED APRIL 2013
LP8340ILDX-ADJ TI1-LP8340ILDX-ADJ Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340ILDX-ADJ/NO.A TI2-LP8340ILDX-ADJ/NO.A Datasheet
873Kb / 17P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
REVISED APRIL 2013
LP8340ILDX-ADJ/NOPB TI1-LP8340ILDX-ADJ/NOPB Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
More results


Similar Description - LP8340CLD-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
1.0A LOW DROPOUT LINEAR REGULATOR
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com