Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW76 Datasheet (PDF) - SUNMATE electronic Co., LTD

BYW76 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BYW76
Download  BYW76 Download
File Size   342.13 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

BYW76 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW76 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BYW76
Download  BYW76 Click to download

File Size   342.13 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

BYW76 Datasheet (HTML) - SUNMATE electronic Co., LTD


BYW76 Product details

VOLTAGE RANGE: 200 - 600V CURRENT: 3.0 A

Features
● Low leakage
● Low forward voltage drop
● High current capability
● Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents
● The plastic material carries U/L recognition 94V-0




Similar Part No. - BYW76

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW76 VISHAY-BYW76 Datasheet
134Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
logo
General Semiconductor
BYW76 GE-BYW76 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW76 BILIN-BYW76 Datasheet
69Kb / 3P
FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
logo
Vishay Siliconix
BYW76 VISHAY-BYW76 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
More results


Similar Description - BYW76

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com