Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS2140.0W01-TS4 Datasheet (PDF) - Abracon Corporation

AFS2140.0W01-TS4 Datasheet PDF - Abracon Corporation
Part # AFS2140.0W01-TS4
Download  AFS2140.0W01-TS4 Download
File Size   1136.29 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1575.42MHz SAW Filter

AFS2140.0W01-TS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS2140.0W01-TS4 Datasheet PDF - Abracon Corporation

Part # AFS2140.0W01-TS4
Download  AFS2140.0W01-TS4 Click to download

File Size   1136.29 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1575.42MHz SAW Filter

AFS2140.0W01-TS4 Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS2140.0W01-TS4

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
AFS2 RADIOMETRIX-AFS2 Datasheet
427Kb / 4P
500mW UHF RF power amplifier
AFS2-458 RADIOMETRIX-AFS2-458 Datasheet
188Kb / 3P
500mW RF power amplifier module
logo
Abracon Corporation
AFS20 ABRACON-AFS20 Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
AFS20-2D ABRACON-AFS20-2D Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
AFS20-EVAL ABRACON-AFS20-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
More results


Similar Description - AFS2140.0W01-TS4

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757A TAI-SAW-TA0757A Datasheet
421Kb / 7P
SAW Filter 1575.42MHz
TA0757B TAI-SAW-TA0757B Datasheet
418Kb / 7P
SAW Filter 1575.42MHz
TA0796A TAI-SAW-TA0796A Datasheet
431Kb / 7P
SAW Filter 1575.42MHz
logo
Abracon Corporation
AFS1575.42W90-TS5 ABRACON-AFS1575.42W90-TS5 Datasheet
2Mb / 3P
SMD 1575.42MHz SAW Filter
08.23.11
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757BB TAI-SAW-TA0757BB Datasheet
453Kb / 7P
SAW Filter 1575.42MHz
TA0757D TAI-SAW-TA0757D Datasheet
158Kb / 8P
SAW Filter 1575.42MHz
TA2070A TAI-SAW-TA2070A Datasheet
758Kb / 8P
SAW Filter 1575.42MHz
logo
Golledge Electronics Lt...
MA08528 GOLLEDGE-MA08528 Datasheet
157Kb / 5P
SAW Filter 1575.42MHz
MP03084 GOLLEDGE-MP03084 Datasheet
121Kb / 6P
SAW Filter 1575.42MHz
MP05506 GOLLEDGE-MP05506 Datasheet
233Kb / 6P
SAW Filter: 1575.42MHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com