Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2M Datasheet (PDF) - SUNMATE electronic Co., LTD

MB2M Datasheet PDF - SUNMATE electronic Co., LTD
Part # MB2M
Download  MB2M Download
File Size   346.91 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description GLASS PASSIVATED SINGLE

MB2M Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2M Datasheet PDF - SUNMATE electronic Co., LTD

Part # MB2M
Download  MB2M Click to download

File Size   346.91 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description GLASS PASSIVATED SINGLE

MB2M Datasheet (HTML) - SUNMATE electronic Co., LTD


MB2M Product details

VOLTAGE RANGE: 200 - 1000V

CURRENT: 0.8 A



Features

• Ideal for printed circuit board

• Reliable low cost construction utilizing molded plastic technique

• Small size, simple installation

• High temperature soldering guaranteed: 260 /10 seconds at 5 lbs., (2.3kg) tension

• High surge current capability



 




Similar Part No. - MB2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB2M GE-MB2M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2M MCC-MB2M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
MB2M YANGJIE-MB2M Datasheet
221Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Revers Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
TAITRON Components Inco...
MB2M TAITRON-MB2M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
More results


Similar Description - MB2M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
EIC discrete Semiconduc...
GBPC6005 EIC-GBPC6005 Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE
GBPC25005 EIC-GBPC25005 Datasheet
100Kb / 2P
GLASS PASSIVATED SINGLE
logo
WILLAS ELECTRONIC CORP
2W005 WILLAS-2W005 Datasheet
415Kb / 2P
SINGLE-PHASE GLASS PASSIVATED
logo
Rectron Semiconductor
MD7SJ-T-A01 RECTRON-MD7SJ-T-A01 Datasheet
110Kb / 6P
SINGLE-PHASE GLASS PASSIVATED
RBU1501M RECTRON-RBU1501M Datasheet
244Kb / 6P
SINGLE-PHASE GLASS PASSIVATED
W005L RECTRON-W005L_10 Datasheet
121Kb / 3P
SINGLE-PHASE GLASS PASSIVATED
logo
Kwang Myoung I.S. CO.,L...
KBJ401 KISEMICONDUCTOR-KBJ401 Datasheet
1Mb / 2P
GLASS PASSIVATED SINGLE
logo
Cystech Electonics Corp...
MB1ST08 CYSTEKEC-MB1ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com