Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2M Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MB2M
Description  GLASS PASSIVATED SINGLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MB2M Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MB2M Datasheet HTML 1Page - SUNMATE electronic Co., LTD MB2M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 200 - 1000V
1 of 2
GLASS PASSIVATED SINGLE
MB2M-MB10M
0.147 (3.73)
0.137 (3.48)
0.144 (3.65)
0.161 (4.10)
0.106 (2.70)
0.090 (2.30)
0.190 (4.83)
0.179 (4.55)
0.029 (0.74)
0.017 (0.43)
0.012 (0.30)
0.008 (0.20)
0.105 (2.67)
0.095 (2.41)
0.047 (1.19)
0.038 (0.96)
0.205 (5.21)
0.195 (4.95)
0-10
°
0.117 (2.97)
0.107 (2.72)
0.028 (0.71)
0.020 (0.51)
0.016(0.41)
0.006 (0.15)
0.100 (2.54)
MIN.
0.049 (1.24)
0.039 (0.99)
Dimensions in inches and (millimeters)
Features
Mechanical Data
www.sunmate.tw
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
D
D
D
D
D
D
D
D
D
MBM
15
75
-55 to +150
-55 to +150
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
MB2M
0.5
0.8
NOTES:1.On glass epoxy P.C.B. mounted on 0.05x0.05''(1.3x1.3mm) pads
2.On aluminum substrate P.C.B. with on area of 0.8''x0.8''(20x20mm) mounted on 0.05X0.05''(1.3X1.3mm) solder pad
3.Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=30
On glass-epoxy P.C.B.
On aluminum substrate
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per leg at 0.4A
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=125
Typical junction capactiance per leg(Note3)
Typical thermal resistance per leg
Operating temperature range
storage temperature range
CJ
R JA
TJ
TSTG
IR
VF
uA
uA
1.0
30
5.0
500
MB6M
MB4M
MB8M
MB10M
pF
/W
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
Small size, simple installation
High surge current capability
Case:Molded plastic body over passivated junctions
Polarity:Polarity symbols marked on body
Mounting Position:Any
Weight:0.078 ounce, 0.22 gram
Terminals:Plated leads solderable per
MIL-STD-750, Method 2026
V
V
V
A
A
V
Characteristic
Symbol
Unit
260 /10 seconds at 5 lbs., (2.3kg) tension
CURRENT: 0.8 A


Similar Part No. - MB2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB2M GE-MB2M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2M MCC-MB2M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
MB2M YANGJIE-MB2M Datasheet
221Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Revers Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
TAITRON Components Inco...
MB2M TAITRON-MB2M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
More results

Similar Description - MB2M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
EIC discrete Semiconduc...
GBPC6005 EIC-GBPC6005 Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE
GBPC25005 EIC-GBPC25005 Datasheet
100Kb / 2P
GLASS PASSIVATED SINGLE
logo
WILLAS ELECTRONIC CORP
2W005 WILLAS-2W005 Datasheet
415Kb / 2P
SINGLE-PHASE GLASS PASSIVATED
logo
Rectron Semiconductor
MD7SJ-T-A01 RECTRON-MD7SJ-T-A01 Datasheet
110Kb / 6P
SINGLE-PHASE GLASS PASSIVATED
RBU1501M RECTRON-RBU1501M Datasheet
244Kb / 6P
SINGLE-PHASE GLASS PASSIVATED
W005L RECTRON-W005L_10 Datasheet
121Kb / 3P
SINGLE-PHASE GLASS PASSIVATED
logo
Kwang Myoung I.S. CO.,L...
KBJ401 KISEMICONDUCTOR-KBJ401 Datasheet
1Mb / 2P
GLASS PASSIVATED SINGLE
logo
Cystech Electonics Corp...
MB1ST08 CYSTEKEC-MB1ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com