Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1050 Datasheet (PDF) - Dallas Semiconductor

DS1050 Datasheet PDF - Dallas Semiconductor
Part # DS1050
Download  DS1050 Download
File Size   231.97 Kbytes
Page   17 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz

DS1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1050 Datasheet PDF - Dallas Semiconductor

Part # DS1050
Download  DS1050 Click to download

File Size   231.97 Kbytes
Page   17 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz

DS1050 Datasheet (HTML) - Dallas Semiconductor


DS1050 Product details

DESCRIPTION
The DS1050 is a programmable, 5-bit, pulse-width modulator featuring a 2-wire addressable controlled interface. The DS1050 operates from power supplies ranging from 2.7V up to 5.5V. The PWM output provides a signal that swings from 0V to VCC. The DS1050 requires a typical operating current of 50μA and a programmable shutdown supply current of 1μA.

FEATURES
◾ Single 5-bit, programmable, pulse-width modulator (PWM)
◾ Adjustable Duty Cycle: 0% to 100%
◾ 2.7V to 5.5V Operation
◾ Standard Frequency Values: 1kHz, 5kHz, 10kHz, and 25kHz
◾ 2-Wire Addressable Interface
◾ Packages: 8-Pin (150-mil) SOIC and 8-Pin (118-mil) SOP
◾ Operating Temperature: -40oC to +85oC




Similar Part No. - DS1050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Advanced Energy Industr...
DS1050 ADVANCEDENERGY-DS1050 Datasheet
565Kb / 7P
Distributed Power Bulk Front-End
01 12.10
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS1050-3-001 ARTESYN-DS1050-3-001 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS1050-3-002 ARTESYN-DS1050-3-002 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
More results


Similar Description - DS1050

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
Dallas Semiconductor
DS1052 DALLAS-DS1052 Datasheet
211Kb / 14P
5-Bit, Programmable, 100kHz Pulse-Width Modulator
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com