Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASMA10C Datasheet (PDF) - Bruckewell Technology LTD

PASMA10C Datasheet PDF - Bruckewell Technology LTD
Part # PASMA10C
Download  PASMA10C Download
File Size   592.14 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 400W surge capability at 1ms

PASMA10C Datasheet (PDF)

Go To PDF Page Download Datasheet
PASMA10C Datasheet PDF - Bruckewell Technology LTD

Part # PASMA10C
Download  PASMA10C Click to download

File Size   592.14 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 400W surge capability at 1ms

PASMA10C Datasheet (HTML) - Bruckewell Technology LTD




Similar Part No. - PASMA10C

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
PAS APEX-ELECTRONICS-PAS Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
logo
Apex Electronics Co., L...
PAS-1012-A3 APEX-ELECTRONICS-PAS-1012-A3 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS-1012-B2 APEX-ELECTRONICS-PAS-1012-B2 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
More results


Similar Description - PASMA10C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
1SMC_5.0_188A BWTECH-1SMC_5.0_188A Datasheet
503Kb / 5P
1500W surge capability at 1ms
P4KE_C BWTECH-P4KE_C Datasheet
563Kb / 7P
400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
400W surge capability at 1ms
P6SMB_A BWTECH-P6SMB_A Datasheet
529Kb / 5P
600W surge capability at 1ms
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
600W surge capability at 1ms
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
600W surge capability at 1ms
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com