Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB_A Datasheet (PDF) - Bruckewell Technology LTD

P6SMB_A Datasheet PDF - Bruckewell Technology LTD
Part # P6SMB_A
Download  P6SMB_A Download
File Size   529.07 Kbytes
Page   5 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 600W surge capability at 1ms

P6SMB_A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6SMB_A Datasheet PDF - Bruckewell Technology LTD

Part # P6SMB_A
Download  P6SMB_A Click to download

File Size   529.07 Kbytes
Page   5 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 600W surge capability at 1ms

P6SMB_A Datasheet (HTML) - Bruckewell Technology LTD




Similar Part No. - P6SMB_A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
P6SMB-AT YAGEO-P6SMB-AT Datasheet
517Kb / 9P
Transient Voltage Suppressors
June 30, 2023 V.4
P6SMB-AT YAGEO-P6SMB-AT Datasheet
593Kb / 7P
TRANSIENT VOLTAGE SUPPRESSORS AC/DC POWER SUPPLY
November 21, 2018 V.0
P6SMB-AT YAGEO-P6SMB-AT Datasheet
649Kb / 8P
RoHS compliant & Halogen free
February 21, 2021 V.2
P6SMB-AT YAGEO-P6SMB-AT_V01 Datasheet
593Kb / 7P
TRANSIENT VOLTAGE SUPPRESSORS AC/DC POWER SUPPLY
November 21, 2018 V.0
P6SMB-AT YAGEO-P6SMB-AT_V02 Datasheet
649Kb / 8P
RoHS compliant & Halogen free
February 21, 2021 V.2
More results


Similar Description - P6SMB_A

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
1SMC_5.0_188A BWTECH-1SMC_5.0_188A Datasheet
503Kb / 5P
1500W surge capability at 1ms
P4KE_C BWTECH-P4KE_C Datasheet
563Kb / 7P
400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
400W surge capability at 1ms
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
600W surge capability at 1ms
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
600W surge capability at 1ms
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
logo
Bruckewell Technology L...
PASMA6.8C BWTECH-PASMA6.8C Datasheet
592Kb / 7P
400W surge capability at 1ms
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com