Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB_A Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # P6SMB_A
Description  600W surge capability at 1ms
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P6SMB_A Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  P6SMB_A Datasheet HTML 1Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 2Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 3Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 4Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6SMB_A
VBR : 6.8 - 440 Volts
PPK : 600 Watts
Publication Order Number: [P6SMB_A]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
P6SMB82A
77.9
86.1
1.0
70.1
5.0
5.3
113
0.105
P6SMB91A
86.5
95.5
1.0
77.8
5.0
4.8
125
0.106
P6SMB100A
95.0
105
1.0
85.5
5.0
4.4
137
0.106
P6SMB110A
105
116
1.0
94.0
5.0
4.0
152
0.107
P6SMB120A
114
126
1.0
102
5.0
3.6
165
0.107
P6SMB130A
124
137
1.0
111
5.0
3.3
179
0.107
P6SMB150A
143
158
1.0
128
5.0
2.9
207
0.108
P6SMB160A
152
168
1.0
136
5.0
2.7
219
0.108
P6SMB170A
162
179
1.0
145
5.0
2.6
234
0.108
P6SMB180A
171
189
1.0
154
5.0
2.4
246
0.108
P6SMB200A
190
210
1.0
171
5.0
2.2
274
0.108
P6SMB220A
209
231
1.0
185
5.0
1.83
328
0.108
P6SMB250A
237
263
1.0
214
5.0
1.75
344
0.110
P6SMB300A
285
315
1.0
256
5.0
1.45
414
0.110
P6SMB350A
332
368
1.0
300
5.0
1.25
482
0.110
P6SMB400A
380
420
1.0
342
5.0
1.10
548
0.110
P6SMB440A
418
462
1.0
376
5.0
1.00
602
0.110
Notes:
( 1 ) VBR measured after It applied for 300 μs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 50 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 50 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
( 3 ) For Bipolar types moving VR of 10 Volts and under, the IR limit is doubled.
( 4 ) "P6SMB" will be omitted in marking on the diode.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com