Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB_A Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # P6SMB_A
Description  600W surge capability at 1ms
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P6SMB_A Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  P6SMB_A Datasheet HTML 1Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 2Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 3Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 4Page - Bruckewell Technology LTD P6SMB_A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P6SMB_A
VBR : 6.8 - 440 Volts
PPK : 600 Watts
Publication Order Number: [P6SMB_A]
© Bruckewell Technology Corporation Rev. A -2014
Notes:
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on copper Lead area at 5.0 mm
2 ( 0.013 mm thick ).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
P6SMB6.8A
6.45
7.14
10
5.80
1000
57.0
10.5
0.057
P6SMB7.5A
7.13
7.88
10
6.40
500
53.0
11.3
0.061
P6SMB8.2A
7.79
8.61
10
7.02
200
50.0
12.1
0.065
P6SMB9.1A
8.65
9.55
1.0
7.78
50
45.0
13.4
0.068
P6SMB10A
9.50
10.5
1.0
8.55
10
41.0
14.5
0.0.73
P6SMB11A
10.5
11.6
1.0
9.40
5.0
38.0
15.6
0.075
P6SMB12A
11.4
12.6
1.0
10.2
5.0
36.0
16.7
0.0.78
P6SMB13A
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
P6SMB15A
14.3
15.8
1.0
12.8
5.0
28.0
21.2
0.084
P6SMB16A
15.2
16.8
1.0
13.6
5.0
27.0
22.5
0.086
P6SMB18A
17.1
18.9
1.0
15.3
5.0
24.0
25.2
0.088
P6SMB20A
19.0
21.0
1.0
17.1
5.0
22.0
27.7
0.090
P6SMB22A
20.9
23.1
1.0
18.8
5.0
20.0
30.6
0.092
P6SMB24A
22.8
25.2
1.0
20.5
5.0
18.0
33.2
0.094
P6SMB27A
25.7
28.4
1.0
23.1
5.0
16.0
37.5
0.096
P6SMB30A
28.5
31.5
1.0
25.6
5.0
14.4
41.4
0.097
P6SMB33A
31.4
34.7
1.0
28.2
5.0
13.2
45.7
0.098
P6SMB36A
34.2
37.8
1.0
30.8
5.0
12.0
49.9
0.099
P6SMB39A
37.1
41.0
1.0
33.3
5.0
11.2
53.9
0.100
P6SMB43A
40.9
45.2
1.0
36.8
5.0
10.1
59.3
0.101
P6SMB47A
44.7
49.4
1.0
40.2
5.0
9.3
64.8
0.101
P6SMB51A
48.5
53.6
1.0
43.6
5.0
8.6
70.1
0.102
P6SMB56A
53.2
58.8
1.0
47.8
5.0
7.8
77.0
0.103
P6SMB62A
58.9
65.1
1.0
53.0
5.0
7.1
85.0
0.104
P6SMB68A
64.6
71.4
1.0
58.1
5.0
6.5
92.0
0.104
P6SMB75A
71.3
78.8
1.0
64.1
5.0
5.8
103
0.105



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com