Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V2 Datasheet (PDF) - Bruckewell Technology LTD

MM3Z2V2 Datasheet PDF - Bruckewell Technology LTD
Part # MM3Z2V2
Download  MM3Z2V2 Download
File Size   445.9 Kbytes
Page   5 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Small plastic package suitable for surface mounted

MM3Z2V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z2V2 Datasheet PDF - Bruckewell Technology LTD

Part # MM3Z2V2
Download  MM3Z2V2 Click to download

File Size   445.9 Kbytes
Page   5 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Small plastic package suitable for surface mounted

MM3Z2V2 Datasheet (HTML) - Bruckewell Technology LTD


MM3Z2V2 Product details

Features
• Total Power Dissipation : Max. 300 mW
• Small plastic package suitable for surface mounted design
• Standard Zener Breakdown Voltage Range 2.0 to 75V
• Tolerance approximately ± 5%
• RoHS compliant package




Similar Part No. - MM3Z2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3Z2V2 SEMTECH_ELEC-MM3Z2V2 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z2V2 HTSEMI-MM3Z2V2 Datasheet
632Kb / 4P
Silicon Planar Zener Diodes
logo
SUNMATE electronic Co.,...
MM3Z2V2 SUNMATE-MM3Z2V2 Datasheet
1Mb / 2P
200mW Surface Mount Zener Diodes
logo
Nanjing International G...
MM3Z2V2 DGNJDZ-MM3Z2V2 Datasheet
109Kb / 4P
Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z2V2 EIC-MM3Z2V2 Datasheet
140Kb / 2P
ZENER DIODES
More results


Similar Description - MM3Z2V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT143B PHILIPS-SOT143B Datasheet
9Kb / 1P
Plastic surface mounted package; 4 leads
29 November 2004
SOT343N PHILIPS-SOT343N Datasheet
13Kb / 1P
Plastic surface mounted package; 4 leads
1999 Apr 16
SOT353 PHILIPS-SOT353 Datasheet
13Kb / 1P
Plastic surface-mounted package; 5 leads
21 March 2006
logo
Microdiode Semiconducto...
1SMAF4728A CHENDA-1SMAF4728A Datasheet
971Kb / 2P
Small plastic package suitable for surface mounted design
logo
Sangdest Microelectroni...
4SODJ36A SMC-4SODJ36A Datasheet
201Kb / 5P
Small plastic package suitable for surface-mounted design
logo
NXP Semiconductors
SOT753 NXP-SOT753 Datasheet
248Kb / 5P
plastic surface-mounted package; 5 leads
8 February 2016
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
Small package size suitable for high-density applications
SMA4728A LEIDITECH-SMA4728A Datasheet
434Kb / 4P
Small plastic package suitable for surface mounted design
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com